Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1523E Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA1523E
Description  Voltage Regulator Control Circuit for Variable Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1523E Datasheet(HTML) 3 Page - Intersil Corporation

  CA1523E Datasheet HTML 1Page - Intersil Corporation CA1523E Datasheet HTML 2Page - Intersil Corporation CA1523E Datasheet HTML 3Page - Intersil Corporation CA1523E Datasheet HTML 4Page - Intersil Corporation CA1523E Datasheet HTML 5Page - Intersil Corporation CA1523E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7-13
CA1523
Other Desirable Features
Other desirable features along with various circuit block
function explanations are listed below.
• The Oscillator is a sawtooth generator whose charge
(rise) cycle determines the output pulse width and dis-
charge which is continuously variable from very low to
maximum of ICHARGE.
• Charge ICHARGE = IO -IDISCHARGE giving 2 to 1 pulse-width
control
• Discharge IDISCHARGE = approximately 0 to 1/2 IO to
frequency control.
• Pulse Shaping: Applied to the oscillator output via RS
Flip-Flop with parallel inhibit controlled by slow-start over-
current sense, supply voltage monitor and ON/OFF func-
tions.
• Pulse Rise Time: Modified to meet RFI requirements by
external slow-down capacitor.
• Slow Start with Reset: Externally programmed against
internal 3V reference. Reset is initiated upon Inhibit ensur-
ing soft start at power up and restart.
• Over Current Sense: Internal stable thresholds of 1.2V.
• Supply Voltage Monitors: Locks out the drive until
VSUPPLY has reached 8V-9V.
• ON/OFF: Activates regulator independent of raw DC.
• Error Amplifier: Compares output against a stable 6.8V
internal reference and controls the discharge current sink
on the timing capacitor.
• Band-Gap: Reference voltage (internal) provides temper-
ature compensated 1.2V and 6.8V references.
• Separate GND: The power GND is separated from circuit
ground for improved noise.
• ESD Protection: Pins are protected against ESD.
Block Diagram
14
1
7
CURRENT
SENSE
IC/2
IC
+6.8V
REF.
ERROR
VOLTAGE
VCC
VCC
10
3K
S3
1.2V
REF.
-
+
ID ~ IC/2
FOR
VI << 6.8V
12
ON/OFF
3
Q HIGH CLOSES S1
S1
CURRENT
SETUP
Q LOW
CLOSES S3
+
-
VCC > 8.4V
-
+
-
+
VL
2.5V
VH
5V
LOGIC
OUT
9
S
R
Q
F/F
S
R
Q
F/F
4
REF. VOLTAGE
SOURCES
13
5
6
11
2
ZENER
6.8V
REF.
TIMING
CAP
GND
S2 OPEN
WHEN VIO > 6.8V
3V
(CONTROL
CIRCUIT
GND)
SLOW
START
REF.
5V
REF.
RISE
TIME
PULSE
OUTPUT
OUTPUT
GND
OVER
CURRENT
ID


Similar Part No. - CA1523E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA1523E INTERSIL-CA1523E Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
More results

Similar Description - CA1523E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA1523 INTERSIL-CA1523_00 Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
logo
NEC
UPC1042 NEC-UPC1042 Datasheet
249Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
logo
New Japan Radio
NJM3524 NJRC-NJM3524 Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
logo
NTE Electronics
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
   Integrated Circuit Switching Regulator Control
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
logo
NEC
UPC1100 NEC-UPC1100 Datasheet
345Kb / 10P
   DUAL SWITCHING REGULATOR CONTROL CIRCUIT
logo
Rohm
BA3960 ROHM-BA3960 Datasheet
82Kb / 5P
   Dual circuit, variable output voltage regulator
logo
NEC
UPC1099 NEC-UPC1099 Datasheet
356Kb / 12P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
UPC1094 NEC-UPC1094 Datasheet
569Kb / 8P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION
UPC1905 NEC-UPC1905 Datasheet
850Kb / 12P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com