Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594H8301600E Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # 594H8301600E
Description  1 DDR3L SO-DIMM supports up to 8GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

594H8301600E Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  594H8301600E Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
128
axiomtek.com
© 2015 Axiomtek Co., Ltd. All rights reserved.
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
* All specifications and photos are subject to change without notice.
Features
Rear view
PICO840
Intel® Atom™ Processor E3845/E3827
Pico-ITX SBC with LVDS/ VGA (HDMI),
LAN & Audio
Intel® Atom™ processor E3845 (1.91GHz)/E3827 (1.75GHz)
(Bay Trail)
1 DDR3L SO-DIMM supports up to 8GB memory capacity
4 USB 2.0 ports
2 COM ports (RS-232/422/485 selectable)
PCI Express Mini Card w/mSATA supported
I/O
Ordering Information
Display
System
CPU
Intel® Atom™ processor E3845 1.91GHz quad core, E3827
1.75GHz dual core onboard (Bay Trail)
System Memory
1 x 204-pin DDR3L-1066/1333 SO-DIMM max. up to 8GB
Chipset
SoC integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-Size Mini PCI Express Mini Card with mSATA
supported
Battery Lithium
Lithium 3V/220mAH
Power Input
DC power jack connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
TBD
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
2 x RS-232/422/485
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel i210IT
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
NA
Chipset
Intel integrated Gfx graphic engine
Memory Size
Share System memory
Display Interface
1 x VGA or 1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
Standard
PICO840VGA-E3845
Pico-ITX SBC with Intel® processor E3845 1.91GHz and
VGA/LVDS, 1 GE, Audio and Gift Box
PICO840VGA-E3827
Pico-ITX SBC with Intel® processor E3827 1.75GHz and
VGA/LVDS, 1 GE, Audio and Gift Box
PICO840HGA-E3845
Pico-ITX SBC with Intel® processor E3845 1.91GHz and
HDMI/LVDS, 1 GE, Audio and Gift Box
PICO840HGA-E3827
Pico-ITX SBC with Intel® processor E3827 1.75GHz and
HDMI/LVDS, 1 GE, Audio and Gift Box
Full-size PCI Express
Mini Card w/mSATA
supported
Power-on
Reset
Audio
COM
USB 2.0 x4
Red LED: HDD
Green LEF: power-on
DDR3L SO-DIMM
Assembly view
I/O board AX93283
Side view
HDMI
+12V power input
SATA
COM 1/2
Poweron/off,
reset, LED
Audio
USB 2.0 1/2/3/4
VGA
Packing List
Standard
Quick installation guide, User’s Manual/Utility CD and cable
Accessories
Part Number
Description
Qty
AX93283 I/O board
1
594K5328200E
SATA+power wire cable L=60mm
1
Heatspreader
1
Heatsink
1
Optional
Part Number
Description
594H8302800E
USB CABLE 20x2P P=2.0 mm L=200mm
594H8303000E
AUDIO CABLE 20x2P P=2.0 mm L=200mm
594H8301600E
Power/Reset button + LED CABLE
594H8302100E
COM CABLE 10x2P P=2.0 mm L=200mm
59340000200E
USB+AUDIO+LED CABLE L=200mm
NEW
DDR3L
DDR3L
DDR3L
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Low Power
DualView


Similar Part No. - 594H8301600E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
594H8301600E AXIOMTEK-594H8301600E Datasheet
350Kb / 1P
   1 DDR3L SO-DIMM supports up to 8GB memory capacity
More results

Similar Description - 594H8301600E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO841 AXIOMTEK-PICO841 Datasheet
397Kb / 1P
   1 DDR3L SO-DIMM supports up to 8GB memory capacity
PICO842 AXIOMTEK-PICO842 Datasheet
350Kb / 1P
   1 DDR3L SO-DIMM supports up to 8GB memory capacity
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA848 AXIOMTEK-CAPA848 Datasheet
326Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_16 Datasheet
296Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA841 AXIOMTEK-CAPA841_16 Datasheet
446Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO840 AXIOMTEK-NANO840 Datasheet
394Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA842 AXIOMTEK-CAPA842_16 Datasheet
348Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO840 AXIOMTEK-PICO840_16 Datasheet
384Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com