Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT645TPYB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT645TPYB
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT645TPYB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT645TPYB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT645TPYB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT645TPYB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT645TPYB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT645TPYB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT645TPYB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT645TPYB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT645TPYB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6.9
6
IDT54/74FCT245T/AT/CT/DT - 2245T/AT/CT, IDT54/74FCT640T/AT/CT, IDT54/74FCT645T/AT/CT/DT
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT645T
FCT645AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
A to B, B to A
CL = 50 pF
RL = 500
1.5
9.5
1.5
11.0
1.5
4.6
1.5
4.9
ns
tPZH
tPZL
Output Enable Time
OE to A or B
1.5
11.0
1.5
12.0
1.5
6.2
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
OE to A or B
1.5
12.0
1.5
13.0
1.5
5.0
1.5
6.0
ns
tPZH
tPZL
Output Enable Time
T/
R to A or B(3)
1.5
11.0
1.5
12.0
1.5
6.2
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
T/
R to A or B(3)
1.5
12.0
1.5
13.0
1.5
5.0
1.5
6.0
ns
2534 tbl 12
FCT645CT
FCT645DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
A to B, B to A
CL = 50 pF
RL = 500
1.5
4.1
1.5
4.5
1.5
3.8
ns
tPZH
tPZL
Output Enable Time
OE to A or B
1.5
5.8
1.5
6.2
1.5
5.0
ns
tPHZ
tPLZ
Output Disable Time
OE to A or B
1.5
4.8
1.5
5.2
1.5
4.3
ns
tPZH
tPZL
Output Enable Time
T/
R to A or B(3)
1.5
5.8
1.5
6.2
1.5
5.0
ns
tPHZ
tPLZ
Output Disable Time
T/
R to A or B(3)
1.5
4.8
1.5
5.2
1.5
4.3
ns
NOTES:
2534 tbl 13
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.


Similar Part No. - IDT74FCT645TPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT645TPY IDT-IDT74FCT645TPY Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results

Similar Description - IDT74FCT645TPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com