Electronic Components Datasheet Search |
|
SMLJ150A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SMLJ150A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page SMLJ5.0 thru SMLJ170CA Document Number: SMLJ5.0 thru SMLJ170CA www.smsemi.com Feb.29,2012 1 E Maximum Ratings and Electrical Characteristics @ 25 OC unless otherwise specified Symbol Conditions Value Unit PPPM Peak pulse power capability with a 10/1000 μs 3000 W IPPM Peak pulse current with a 10/1000μs SEE TABLE1 A PM(AV) Steady state power at TL =45℃ 0.375”(10mm) from body 6.0 W Steady state power at TA=25℃ when mounted on FR4 PC board with recommended footprint 1.61 W IFSM Peak forward surge current,8.3ms single half sine-wave unidirectional only 200 A VF Maximum instantaneous forward voltage at 100A for unidirectional only 3.5 V RθJL Thermal resistance junction to lead 17.5 ℃/W RθJA Thermal resistance junction to ambient 77.5 ℃/W TJ, TSTG Operating and Storage Temperature -65 to +150 ℃ Transient Voltage Suppressor Breakdown Voltage 5.0 to 170 Volts Peak Pulse Power 3000 Watts Features Breakdown Voltages (VBR) from 5.0 to 170V 3000W peak pulse power capability with a 10/1000 μs waveform, repetitive rate (duty cycle):0.01% Fast Response Time Low incremental surge resistance Excellent clamping capability Available in uni-directional and bi-directional High temperature soldering guaranteed: 265℃ /10 seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3kg) tension Application Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICS, MOSFE, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication Mechanical Data Case: Void-free transfer molded thermosetting epoxy body meeting UL94V-O Terminals: Tin-Lead or ROHS Compliant annealed matte-Tin plating readily solderable per MIL-STD-750, Method 2026 Marking: Body marked with part number Polarity: Cathode indicated by band Weight: 0.21g(Approximately) CASE: SMC (DO214AB) Dimensions in inches and (millimeters) |
Similar Part No. - SMLJ150A |
|
Similar Description - SMLJ150A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |