Electronic Components Datasheet Search |
|
SMCJ6053A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SMCJ6053A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page SMCJ6036 thru SMCJ6072A Document Number: SMCJ6036 thru SMCJ6072A www.smsemi.com Feb.29,2012 1 E Maximum Ratings and Electrical Characteristics @ 25 OC unless otherwise specified Symbol Conditions Value Unit PPPM Peak pulse power capability with a 10/1000 μs 1500 W IPPM Peak pulse current with a 10/1000μs SEE TABLE1 A PM(AV) Steady state power dissipation at TL=25℃ ,Lead lengths 0.375”(10mm) 5.0 W VF Maximum instantaneous forward voltage at 100A for unidirectional only 3.5 V RθJL Thermal resistance junction to lead 20 ℃/W TJ, TSTG Operating and Storage Temperature -65 to +150 ℃ Transient Voltage Suppressor Breakdown Voltage 5.5 to 185 Volts Peak Pulse Power 1500 Watts Features Breakdown Voltages (VBR) from 5.5 to 185V 1500W peak pulse power capability with a 10/1000 μs waveform, repetitive rate (duty cycle):0.01% Fast Response Time Low incremental surge resistance Excellent clamping capability High temperature soldering guaranteed: 265℃ /10 seconds, 0.375 ” (9.5mm) lead length, 5lbs. (2.3kg) tension Application Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICS, MOSFE, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication Mechanical Data Case: Void-free transfer molded thermosetting epoxy body meeting UL94V-O Terminals: Tin-Lead or ROHS Compliant annealed matte-Tin plating readily solderable per MIL-STD-750, Method 2026 Marking: Body marked with part number Polarity: Cathode indicated by band Weight: 0.21g(Approximately) CASE: SMC (DO214AB) Dimensions in inches and (millimeters) 打印无效 |
Similar Part No. - SMCJ6053A |
|
Similar Description - SMCJ6053A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |