Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7541 Datasheet(PDF) 5 Page - Intersil Corporation

Part # AD7541
Description  12-Bit, Multiplying D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7541 Datasheet(HTML) 5 Page - Intersil Corporation

  AD7541 Datasheet HTML 1Page - Intersil Corporation AD7541 Datasheet HTML 2Page - Intersil Corporation AD7541 Datasheet HTML 3Page - Intersil Corporation AD7541 Datasheet HTML 4Page - Intersil Corporation AD7541 Datasheet HTML 5Page - Intersil Corporation AD7541 Datasheet HTML 6Page - Intersil Corporation AD7541 Datasheet HTML 7Page - Intersil Corporation AD7541 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10-13
A “Logic 1” input at any digital input forces the corresponding
ladder switch to steer the bit current to IOUT1 bus. A “Logic
0” input forces the bit current to IOUT2 bus. For any code the
IOUT1 and IOUT2 bus currents are complements of one
another. The current amplifier at IOUT2 changes the polarity
of IOUT2 current and the transconductance amplifier at
IOUT1 output sums the two currents. This configuration dou-
bles the output range of the DAC. The difference current
resulting at zero offset binary code, (MSB = “Logic 1”, All
other bits = “Logic 0”), is corrected by using an external
resistive divider, from VREF to IOUT2.
Offset Adjustment
1. Adjust VREF to approximately +10V.
2. Set R4 to zero.
3. Connect all digital inputs to “Logic 1”.
4. Adjust IOUT1 amplifier offset zero adjust trimpot for 0V
±0.1mV at IOUT2 amplifier output.
5. Connect a short circuit across R2.
6. Connect all digital inputs to “Logic 0”.
7. Adjust IOUT2 amplifier offset zero adjust trimpot for 0V
±0.1mV at IOUT1 amplifier output.
8. Remove short circuit across R2.
9. Connect MSB (Bit 1) to “Logic 1” and all other bits to “Logic 0”.
10. Adjust R4 for 0V
±0.2mV at VOUT.
Gain Adjustment
1. Connect all digital inputs to VDD.
2. Monitor VOUT for a -VREF (1 -
1/
2
11) volts reading.
3. To increase VOUT, connect a series resistor, (0Ω to
250
Ω), in the IOUT1 amplifier feedback loop.
4. To decrease VOUT, connect a series resistor, (0Ω to 250Ω),
between the reference voltage and the VREF terminal.
TABLE 2. CODE TABLE - BIPOLAR (OFFSET BINARY)
OPERATION
DIGITAL INPUT
ANALOG OUTPUT
111111111111
-VREF (1 -
1/
2
11)
100000000001
-VREF (
1/
2
11)
100000000000
0
011111111111
VREF (
1/
2
11)
000000000001
VREF (1 -
1/
2
11)
000000000000
VREF
IOUT2
6
6
IOUT1
17
18
1
4
15
3
2
AD7541
BIT 1 (MSB)
BIT 12 (LSB)
16
+15V
VREF
DIGITAL
INPUT
±10V
R1 10K
R5 10K
VOUT
-
+
A1
-
+
A2
GND
R2 10K
R3
390K
R4
500
NOTE: R1 and R2 should be 0.01%, low-TCR resistors.
FIGURE 3. BIPOLAR OPERATION (4-QUADRANT MULTIPLICATION)
AD7541


Similar Part No. - AD7541

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7541 INTERSIL-AD7541 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results

Similar Description - AD7541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
   CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
   CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
National Semiconductor ...
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com