Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ5644 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMCJ5644
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMCJ5644 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMCJ5644 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMCJ5644 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMCJ5644 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMCJ5644 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMCJ5629 thru SMCJ5665A
Document Number: SMCJ5629 thru SMCJ5665A
www.smsemi.com
Feb.29,2012
3
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
SMCJ5655
SMCJ5655A
SMCJ5656
SMCJ5656A
73.8
77.9
81.9
86.5
90.2
86.1
100.0
95.5
1
1
1
1
66.4
70.1
73.7
77.8
5
5
5
5
12.7
13.3
11.4
12.0
118.0
113.0
131.0
125.0
SMCJ5657
SMCJ5657A
SMCJ5658
SMCJ5658A
90.0
95.0
99.0
105.0
110.0
105.0
121.0
116.0
1
1
1
1
81.0
85.5
89.2
94.0
5
5
5
5
10.4
11.0
9.5
9.9
144.0
137.0
158.0
152.0
SMCJ5659
SMCJ5659A
SMCJ5660
SMCJ5660A
108.0
114.0
117.0
124.0
132.0
126.0
143.0
137.0
1
1
1
1
97.2
102.0
105.0
111.0
5
5
5
5
8.7
9.1
8.0
8.4
173.0
165.0
187.0
179.0
SMCJ5661
SMCJ5661A
SMCJ5662
SMCJ5662A
135.0
143.0
144.0
152.0
165.0
158.0
176.0
168.0
1
1
1
1
121.0
128.0
130.0
136.0
5
5
5
5
7.0
7.2
6.5
6.8
215.0
207.0
230.0
219.0
SMCJ5663
SMCJ5663A
SMCJ5664
SMCJ5664A
153.0
162.0
162.0
171.0
187.0
179.0
198.0
189.0
1
1
1
1
138.0
145.0
146.0
154.0
5
5
5
5
6.2
6.4
5.8
6.1
244.0
234.0
258.0
246.0
SMCJ5665
SMCJ5665A
180.0
190.0
220.0
210.0
1
1
162.0
171.0
5
5
5.2
5.5
287.0
274.0
1. TVS are normally selected according to the rated
“Stand Off Voltage” (VWM) which should be equal to or greater than the dc or
continuous peak operating voltage level.
2. V(BR) is measured after I(BR) has been applied for ≤ 300ms. No suffix is 10% tolerance and suffix A is 5% tolerance for V(BR).
打印无效


Similar Part No. - SMCJ5644

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ5644 MICROSEMI-SMCJ5644 Datasheet
426Kb / 3P
   Transient Voltage Suppressors
SMCJ5644A MICROSEMI-SMCJ5644A Datasheet
426Kb / 3P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ5644

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com