Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKBJ404G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SKBJ404G
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SKBJ404G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SKBJ404G Datasheet HTML 1Page - List of Unclassifed Manufacturers SKBJ404G Datasheet HTML 2Page - List of Unclassifed Manufacturers SKBJ404G Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SKBJ402G thru SKBJ410G
Document Number: SKBJ402G thru SKBJ410G
www.
Jan.12, 2011
1
smsemi.com
Glass Passivated Single
Phase Bridge Rectifiers
Reverse Voltage 200 to 1000V
Forward Current
4.0 Amp
Features
Glass passivated die construction
Ideal for printed circuit boards
Plastic material used carries UL
flammability recognition 94V-0
High surge current capability
High temperature soldering guaranteed:
265℃ /10 seconds, 0.375” (9.5mm) lead
length, 5lbs. (2.3kg) tension
Circuit
-
Mechanical Data
Case: Molded plastic case
Terminals: Plated leads solderable per
MIL-STD-750, Method 2026
Polarity: Marked on Body
Mounting Position: Any
Module Type
TYPE
VRRM
VRSM
SKBJ402G
SKBJ404G
SKBJ406G
SKBJ408G
SKBJ410G
200V
400V
600V
800V
1000V
300V
500V
700V
900V
1100V
Maximum Ratings and Thermal Characteristics (TA = 25℃ unless otherwise noted)
Symbol
Conditions
Values
Units
IF(AV)
Maximum average forward output rectified current Tc =50℃
4.0
A
IFSM
Peak forward surge current single half sine-wave superimposed
on rated load (JEDEC Method)
90
A
i2t
Rating for fusing (t<8.3ms)
33
A2s
Visol
a.c.50HZ;r.m.s.;1min
2500
V
RθJA
RθJC
Maximum thermal resistance per leg
26(1)
5.0 (2)
/W
Tj, TSTG
Operating Junction and storage temperature range
-55 to +150
Weight
Approximate Weight
4.0
g
Electrical Characteristics (TA = 25℃ unless otherwise noted)
Symbol
Conditions
Values
Units
VF
Maximum Instantaneous Forward Voltage per leg
IFM =2.0A
1.1
V
IR
Maximum DC reverse current at rated
TA = 25℃
DC blocking voltage per leg
TA = 125℃
5.0
500
µA
Notes: (1) Junction to ambient without heatsink
(2) Junction to case with heatsink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for
maximum heat transfer with M3 screw


Similar Part No. - SKBJ404G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SKBJ404 ETC2-SKBJ404 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - SKBJ404G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com