Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA800T Datasheet(PDF) 2 Page - NEC

Part # UPA800T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA800T Datasheet(HTML) 2 Page - NEC

  UPA800T Datasheet HTML 1Page - NEC UPA800T Datasheet HTML 2Page - NEC UPA800T Datasheet HTML 3Page - NEC UPA800T Datasheet HTML 4Page - NEC UPA800T Datasheet HTML 5Page - NEC UPA800T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
µPA800T
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Current
ICBO
VCB = 10 V, IE = 0
1.0
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
1.0
µA
DC Current Gain
hFE
VCE = 3 V, IC = 5 mANote 1
80
200
Gain Bandwidth Product
fT
VCE = 3 V, IC = 5 mA
5.5
80
GHz
Feed-back Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHzNote 2
0.7
pF
Insertion Power Gain (1)
|S21e|2
VCE = 1 V, IC = 3 mA, f = 2 GHz
4.5
6.5
dB
Insertion Power Gain (2)
|S21e|2
VCE = 3 V, IC = 5 mA, f = 2 GHz
5.5
7.5
dB
Noise Figure (1)
NF
VCE = 1 V, IC = 3 mA, f = 2 GHz
1.9
3.2
dB
Noise Figure (2)
NF
VCE = 3 V, IC = 5 mA, f = 2 GHz
1.9
3.2
dB
Notes 1. Pulse Measurement: Pw
≤ 350
µs, Duty cycle ≤ 2 %
2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank
KB
Marking
RL
hFE Value
80 to 200
TYPICAL CHARACTERISTICS (TA = 25
°C)
100
0
5
0
10
0.5
50
100
150
200
5
1.0
10
15
20
0
0.5
1.0
10
20
1
5
10
50
20
50
100
200
VCE = 3 V
VCE = 3 V
120 A
100 A
80 A
IB = 20 A
Ambient Temperature TA (°C)
Collector to Emitter Voltage VCE (V)
Base to Emitter Voltage VBE (V)
Collector Current IC (mA)
60 A
40 A
25
Free Air
IC - VBE Characteristics
hFE - IC Characteristics
PT - TA Characteristics
IC - VCE Characteristics
2 Elements
in
Total
Per
Element
160
A
µ
140
A
µ
µ
µ
µ
µ
µ
µ


Similar Part No. - UPA800T

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA800T CEL-UPA800T Datasheet
192Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
UPA800T CEL-UPA800T Datasheet
446Kb / 8P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
UPA800T-T1 RENESAS-UPA800T-T1 Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
UPA800T-T1-A CEL-UPA800T-T1-A Datasheet
192Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - UPA800T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA802T NEC-UPA802T Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA809T NEC-UPA809T Datasheet
66Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPC805T NEC-UPC805T Datasheet
57Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA808T NEC-UPA808T Datasheet
65Kb / 12P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
UPA803T NEC-UPA803T Datasheet
60Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA807T NEC-UPA807T Datasheet
56Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
UPA812T NEC-UPA812T Datasheet
50Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD
UPA811T NEC-UPA811T Datasheet
49Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com