Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA065C104CAR Datasheet(PDF) 4 Page - AVX Corporation

Part # SA065C104CAR
Description  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA065C104CAR Datasheet(HTML) 4 Page - AVX Corporation

  SA065C104CAR Datasheet HTML 1Page - AVX Corporation SA065C104CAR Datasheet HTML 2Page - AVX Corporation SA065C104CAR Datasheet HTML 3Page - AVX Corporation SA065C104CAR Datasheet HTML 4Page - AVX Corporation SA065C104CAR Datasheet HTML 5Page - AVX Corporation SA065C104CAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
40
Axial Leads/SpinGuard®
Z5U Dielectric
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
*Preferred Industry Decoupling Capacitor — Insertable on .300" centers.
SA105E104ZAA
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.445
.445
.445
.445
.445
.445
Diameter
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
50
100
50
100
50
100
50
100
50
100
50
10,000
SA105E103ZAR
15,000
SA105E153ZAR
22,000
SA105E223ZAR
33,000
SA105E333ZAR
47,000
SA105E473ZAR
68,000
SA105E683ZAR
*100,000
SA105E104ZAR
150,000
SA105E154ZAR
220,000
SA105E224ZAR
330,000
SA115E334ZAR
470,000
SA305E474ZAR
680,000
SA305E684ZAR
820,000
SA305E824ZAR
1,000,000
SA305E105ZAR
Dimensions: Millimeters (Inches)
SIZE AND CAPACITANCE SPECIFICATIONS


Similar Part No. - SA065C104CAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06 ETC-SA06 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12S ETC-SA06-24-12S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-15S ETC-SA06-24-15S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-24S ETC-SA06-24-24S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
More results

Similar Description - SA065C104CAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com