Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7440 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7440
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7440_15 Datasheet HTML 4Page - Analog Devices AD7440_15 Datasheet HTML 5Page - Analog Devices AD7440_15 Datasheet HTML 6Page - Analog Devices AD7440_15 Datasheet HTML 7Page - Analog Devices AD7440_15 Datasheet HTML 8Page - Analog Devices AD7440_15 Datasheet HTML 9Page - Analog Devices AD7440_15 Datasheet HTML 10Page - Analog Devices AD7440_15 Datasheet HTML 11Page - Analog Devices AD7440_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD7440/AD7450A
Rev. C | Page 7 of 28
TIMING SPECIFICATIONS
Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of
1.6 V. See Figure 2, Figure 3, and the Serial Interface section.
Table 3. VDD = 2.7 V to 3.6 V, fSCLK = 18 MHz, fS = 1 MSPS, VREF = 2.0 V; VDD = 4.75 V to 5.25 V, fSCLK = 18 MHz, fS = 1 MSPS,
VREF = 2.5 V; VCM1 = VREF; TA = TMIN to TMAX, unless otherwise noted.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK2
10
kHz min
18
MHz max
tCONVERT
16 × tSCLK
tSCLK = 1/fSCLK
888
ns max
tQUIET
60
ns min
Minimum quiet time between the end of a serial read and the next falling edge of CS
t1
10
ns min
Minimum CS pulse width
t2
10
ns min
CS falling edge to SCLK falling edge setup time
t33
20
ns max
Delay from CS falling edge until SDATA three-state disabled
t43
40
ns max
Data access time after SCLK falling edge
t5
0.4 tSCLK
ns min
SCLK high pulse width
t6
0.4 tSCLK
ns min
SCLK low pulse width
t7
10
ns min
SCLK edge to data valid hold time
t84
10
ns min
SCLK falling edge to SDATA three-state enabled
35
ns max
SCLK falling edge to SDATA three-state enabled
tPOWER-UP5
1
μs max
Power-up time from full power-down
1 Common-mode voltage.
2 Mark/space ratio for the SCLK input is 40/60 to 60/40.
3 Measured with the load circuit of Figure 4 and defined as the time required for the output to cross 0.8 V or 2.4 V with VDD = 5 V or 0.4 V or 2.0 V for VDD = 3 V.
4 t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 4. The measured number is then extrapolated
back to remove the effects of charging or discharging the 25 pF capacitor. This means that the time, t8, quoted in the Timing Specifications is the true bus relinquish
time of the part and is independent of the bus loading.
5 See Power-Up Time section.
t3
t2
t4
t7
t8
t6
t1
t5
tQUIET
tCONVERT
CS
SCLK
SDATA
4 LEADING ZEROS
THREE-STATE
12
3
4
5
13
14
15
16
0
0
0
0
DB11
DB10
DB2
DB1
DB0
B
Figure 2. AD7450A Serial Interface Timing Diagram
t3
t2
t4
t7
t8
t6
t1
t5
tQUIET
tCONVERT
CS
SCLK
SDATA
4 LEADING ZEROS
2 TRAILING ZEROS THREE-STATE
12
3
4
5
13
14
15
16
0
0
0
0
DB9
DB8
DB0
0
0
B
Figure 3. AD7440 Serial Interface Timing Diagram


Similar Part No. - AD7440_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7440BRM AD-AD7440BRM Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440BRM AD-AD7440BRM Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440BRM-REEL7 AD-AD7440BRM-REEL7 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440BRM-REEL7 AD-AD7440BRM-REEL7 Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440BRMZ AD-AD7440BRMZ Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

Similar Description - AD7440_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com