Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3249E Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3249E
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3249E Datasheet(HTML) 5 Page - Exar Corporation

  SP3249E Datasheet HTML 1Page - Exar Corporation SP3249E Datasheet HTML 2Page - Exar Corporation SP3249E Datasheet HTML 3Page - Exar Corporation SP3249E Datasheet HTML 4Page - Exar Corporation SP3249E Datasheet HTML 5Page - Exar Corporation SP3249E Datasheet HTML 6Page - Exar Corporation SP3249E Datasheet HTML 7Page - Exar Corporation SP3249E Datasheet HTML 8Page - Exar Corporation SP3249E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3249E_100_013111
5
Table 1. Device Pin Description
NAME
FUNCTION
PIN NUMBER
C2+
Positive terminal of the symmetrical charge-pump capacitor C2.
1
GND
Ground.
2
C2-
Negative terminal of the symmetrical charge-pump capacitor C2.
3
V-
Regulated -5.5V output generated by the charge pump.
4
T
1OUT
RS-232 Driver Output.
5
T
2OUT
RS-232 Driver Output.
6
T
3OUT
RS-232 Driver Output.
7
R
1IN
RS-232 receiver input.
8
R
2IN
RS-232 receiver input.
9
T
4OUT
RS-232 Driver Output.
10
R
3IN
RS-232 receiver input.
11
T
5OUT
RS-232 Driver Output.
12
T
5IN
TTL/CMOS driver input.
13
R
3OUT
TTL/CMOS receiver output.
14
T
4IN
TTL/CMOS driver input.
15
R
2OUT
TTL/CMOS receiver output.
16
R
1OUT
TTL/CMOS receiver output.
17
T
3IN
TTL/CMOS driver input.
18
T
2IN
TTL/CMOS driver input.
19
T
1IN
TTL/CMOS driver input.
20
C1-
Negative terminal of the symmetrical charge-pump capacitor C1.
21
Vcc
+3.0V to +5.5V supply voltage.
22
V+
Regulated +5.5V output generated by the charge pump.
23
C1+
Positive terminal of the symmetrical charge-pump capacitor C1.
24


Similar Part No. - SP3249E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249ECA SIPEX-SP3249ECA Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249ECY SIPEX-SP3249ECY Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249EEA SIPEX-SP3249EEA Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249EEY SIPEX-SP3249EEY Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3249E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com