Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3249EEY-L Datasheet(PDF) 6 Page - Exar Corporation

Part # SP3249EEY-L
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3249EEY-L Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP3249EEY-L Datasheet HTML 2Page - Exar Corporation SP3249EEY-L Datasheet HTML 3Page - Exar Corporation SP3249EEY-L Datasheet HTML 4Page - Exar Corporation SP3249EEY-L Datasheet HTML 5Page - Exar Corporation SP3249EEY-L Datasheet HTML 6Page - Exar Corporation SP3249EEY-L Datasheet HTML 7Page - Exar Corporation SP3249EEY-L Datasheet HTML 8Page - Exar Corporation SP3249EEY-L Datasheet HTML 9Page - Exar Corporation SP3249EEY-L Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3249E_100_013111
Figure 5. SP3249E Typical Operating Circuit
SP3249E
24
21
3
1
23
4
22
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
VCC
2
5kΩ
17
16
14
8
9
11
RS-232
INPUTS
TTL/CMOS
OUTPUTS
R1OUT
R1IN
R2IN
R3IN
R2OUT
R3OUT
20
19
18
5
6
7
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T1IN
T2OUT
T2IN
T3IN
T3OUT
T1OUT
15
13
10
12
T4OUT
T4IN
T5IN
T5OUT
0.1µF
0.1µF
0.1µF
0.1µF
5kΩ
5kΩ
Figure 4. SP3249E Pinout Configuration
T4IN
1
2
3
4
21
22
23
24
5
6
7
20
19
18
C2-
V-
R1IN
R2IN
IN
C2+
C1-
GND
VCC
V+
T1IN
8
9
10
11
14
15
16
17
12
13
T OUT
T2OUT
T3OUT
T3IN
T2IN
T5IN
R3OUT
R2OUT
R1OUT
SP3249E
C1+
T4OUT
T5OUT
1
3
R


Similar Part No. - SP3249EEY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3249EEY SIPEX-SP3249EEY Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3249EEY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com