Electronic Components Datasheet Search |
|
IDT542540TE Datasheet(PDF) 5 Page - Integrated Device Technology |
|
IDT542540TE Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 9 page IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT FAST CMOS OCTAL BUFFER/LINE DRIVER MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.8 5 POWER SUPPLY CHARACTERISTICS Symbol Parameter Test Conditions(1) Min. Typ.(2) Max. Unit ∆ICC Quiescent Power Supply Current TTL Inputs HIGH VCC = Max. VIN = 3.4V(3) — 0.5 2.0 mA ICCD Dynamic Power Supply Current(4) VCC = Max. Outputs Open OEA = OEB = GND VIN = VCC VIN = GND FCTxxxT — 0.15 0.25 mA/ MHz One Input Toggling 50% Duty Cycle FCT2xxxT — 0.06 0.12 IC Total Power Supply Current(6) VCC = Max. VIN = VCC FCTxxxT — 1.5 3.5 mA Outputs Open fi = 10MHz VIN = GND FCT2xxxT — 0.6 2.2 50% Duty Cycle OEA = OEB = GND VIN = 3.4 FCTxxxT — 1.8 4.5 One Bit Toggling VIN = GND FCT2xxxT 0.9 3.2 VCC = Max. VIN = VCC FCTxxxT — 3.0 6.0(5) Outputs Open fi = 2.5MHz VIN = GND FCT2xxxT — 1.2 3.4(5) 50% Duty Cycle OEA = OEB = GND VIN = 3.4 FCTxxxT — 5.0 14.0(5) Eight Bits Toggling VIN = GND FCT2xxxT — 3.2 11.4(5) NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25 °C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ∆ICC DHNT + ICCD (fCP/2 + fiNi) ICC = Quiescent Current ∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Input Frequency Ni = Number of Inputs at fi All currents are in milliamps and all frequencies are in megahertz. 2565 tbl 08 |
Similar Part No. - IDT542540TE |
|
Similar Description - IDT542540TE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |