Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QLS25ZD Datasheet(PDF) 7 Page - Power-One

Part # QLS25ZD
Description  Distributed power architectures
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS25ZD Datasheet(HTML) 7 Page - Power-One

  QLS25ZD Datasheet HTML 1Page - Power-One QLS25ZD Datasheet HTML 2Page - Power-One QLS25ZD Datasheet HTML 3Page - Power-One QLS25ZD Datasheet HTML 4Page - Power-One QLS25ZD Datasheet HTML 5Page - Power-One QLS25ZD Datasheet HTML 6Page - Power-One QLS25ZD Datasheet HTML 7Page - Power-One QLS25ZD Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SEP 12, 2003 revised to OCT 26, 2006
Page 7 of 8
www.power-one.com
QLS25 DC-DC Series Data Sheet
25A Quarter-Brick
engineering and understanding of the overall
safety requirements and should be performed by
qualified personnel.
Thermal Considerations
The QLS25 Series converters are designed for
natural or forced convection cooling. The maximum
allowable output current of the converters is
determined by meeting the derating criteria for all
components used in the converters. For example,
the maximum semiconductor junction temperature is
not allowed to exceed 120°C to ensure reliable long-
term operation of the converters. Contact Power-
One for the complete list of the derating criteria.
The graphs in Figures 10-12 show the maximum
output current of the QLS25 Series converters at
different ambient temperatures under both natural
and forced (longitudinal airflow direction, from pin 1
to pin 3) convection.
For example, from Figure 11, the QLS25ZE
operating at 55C can deliver up to 18A reliably with
100LFM forced air, while up to 25A reliably with
400LFM forced air.
0
5
10
15
20
25
25 30 35 40 45 50 55 60 65 70 75 80 85
Ambient Temperature (°C)
0
100LFM
200LFM
300LFM
400LFM
Figure 10. QLS20ZG (5V) Derating Curves
0
5
10
15
20
25
25 30 35 40 45 50 55 60 65 70 75 80 85
Ambient Temperature (C)
0
100LFM
200LFM
300LFM
400LFM
Figure 11. QLS25ZE (3.3V) Derating Curves
0
5
10
15
20
25
25 30 35 40 45 50 55 60 65 70 75 80 85
Ambient Temperature (C)
0
100LFM
200LFM
300LFM
400LFM
Figure 12. QLS25ZD (2.5V) Derating Curves


Similar Part No. - QLS25ZD

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLS05WXK QUELIGHTING-QLS05WXK Datasheet
1Mb / 14P
   This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.0 03-10-2020
QLS19WXH QUELIGHTING-QLS19WXH Datasheet
1Mb / 15P
   This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
1.4 08-25-2021
logo
Power-One
QLS30ZA POWER-ONE-QLS30ZA Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
QLS30ZY POWER-ONE-QLS30ZY Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
More results

Similar Description - QLS25ZD

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
logo
Fairchild Semiconductor
FDMS9409_F085 FAIRCHILD-FDMS9409_F085 Datasheet
419Kb / 6P
   Distributed Power Architectures and VRM
FDMS9410_F085 FAIRCHILD-FDMS9410_F085 Datasheet
429Kb / 6P
   Distributed Power Architectures and VRM
logo
Lineage Power Corporati...
ACE184 LINEAGEPOWER-ACE184 Datasheet
230Kb / 6P
   12Vdc distributed power architectures Mid-End Blade Network Equipment
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
   Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com