Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXE2048WD05 Datasheet(PDF) 2 Page - TDK Electronics

Part # PXE2048WD05
Description  Single and Dual Output 20W to 30W DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXE2048WD05 Datasheet(HTML) 2 Page - TDK Electronics

  PXE2048WD05 Datasheet HTML 1Page - TDK Electronics PXE2048WD05 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
166
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B2: May 2012
PXE Series
Outline Drawing
For Additional Information, please visit
us.tdk-lambda.com/lp/products/px-series.htm
1. All dimensions in Inches (mm)
2. Pin pitch tolerance ±0.014(0.35)
1.60 (40.6)
0.20 (5.1)
0.70 (17.8)
0.60 (15.2)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
0.70 (17.8)
0.40
(10.2)
0.22 (5.6)
1
2
4
5
8
7
6
Bottom
View
HAPXE
(includes thermal adhesive pad)
HAPXECLIP
(two clips required when used)
Heat Sink (0.22” high)
Output
Output
Output
Input
Volt (V)
Curr (A) Power (W) Volt (VDC)
Model
Eff.(%)
Single Outputs
3.3
6.0
18
9 - 18
PXE30-12S3P3
85
3.3
6.0
20
10 - 40
PXE30-24WS3P3
87
3.3
6.0
18
18 - 36
PXE30-24S3P3
86
3.3
6.0
20
18 - 75
PXE30-48WS3P3
87
3.3
6.0
18
36 - 75
PXE30-48S3P3
87
5
4.0
20
9 - 36
PXE20-24WS05
79
5
4.0
20
18 - 75
PXE20-48WS05
80
5
6.0
30
9 - 18
PXE30-12S05
87
5
6.0
30
10 - 40
PXE30-24WS05
87
5
6.0
30
18 - 36
PXE30-24S05
88
5
6.0
30
18 - 75
PXE30-48WS05
88
5
6.0
30
36 - 75
PXE30-48S05
89
12
1.67
20
9 - 36
PXE20-24WS12
81
12
1.67
20
18 - 75
PXE20-48WS12
81
12
2.5
30
9 - 18
PXE30-12S12
88
12
2.5
30
10 -40
PXE30-24WS12
87
12
2.5
30
18 - 36
PXE30-24S12
89
12
2.5
30
18 - 75
PXE30-48WS12
87
12
2.5
30
36 - 75
PXE30-48S12
90
15
1.33
20
9 - 36
PXE20-24WS15
81
15
1.33
20
18 - 75
PXE20-48WS15
81
15
2.0
30
9 - 18
PXE30-12S15
88
15
2.0
30
10 - 40
PXE30-24WS15
88
15
2.0
30
18 - 36
PXE30-24S15
89
15
2.0
30
18 - 75
PXE30-48WS15
88
15
2.0
30
36 - 75
PXE30-48S15
90
Dual Outputs
±5
±2.0
20
9 - 36
PXE20-24WD05
79
±5
±2.0
20
18 - 75
PXE20-48WD05
79
±12
±0.833
20
9 - 36
PXE20-24WD12
81
±12
±0.833
20
18 - 75
PXE20-48WD12
83
±12
±1.25
30
9 - 18
PXE30-12D12
87
±12
±1.25
30
18 - 36
PXE30-24D12
88
±12
±1.25
30
36 - 75
PXE30-48D12
88
±15
±0.666
20
9 - 36
PXE20-24WD15
82
±15
±0.666
20
18 - 75
PXE20-48WD15
84
±15
±1.0
30
9 - 18
PXE30-12D15
87
±15
±1.0
30
18 - 36
PXE30-24D15
88
±15
±1.0
30
36 - 75
PXE30-48D15
88
Function
PIN #
Single Output
Dual Output
1
+ Input
+ Input
2
- Input
- Input
4
Remote on/off
Remote on/off
5
No Pin
+ Output
6
+ Output
Common
7
- Output
- Output
8
Trim
Trim
Model Selector
Pinout
Derating Curves
50 60 70 80
90 100
-40 -25
0
-10
25
50
75
100
0
PXE Derating Curve* (without heatsink)
CC-E
1.5-25W, 5 to 48VDC input
PAQ
PAH
50 - 700W quarter, half & full bricks
PAF
Other Industrial Products
}


Similar Part No. - PXE2048WD05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXE20-24WD05 TDK-PXE20-24WD05 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
PXE20-24WD12 TDK-PXE20-24WD12 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
PXE20-24WD15 TDK-PXE20-24WD15 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
PXE20-24WS05 TDK-PXE20-24WS05 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
PXE20-24WS12 TDK-PXE20-24WS12 Datasheet
177Kb / 2P
   DC-DC Converters
May 11, 2022
More results

Similar Description - PXE2048WD05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
PXD1024WS05 TDK-PXD1024WS05 Datasheet
398Kb / 2P
   Single and Dual Output 10 to 20W DC-DC Converters
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
   15-20W, Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
TDK Electronics
CC15-2403SFP-E TDK-CC15-2403SFP-E Datasheet
309Kb / 2P
   Ultra Compact, 15W to 30W Single Output DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com