Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7367-5 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7367-5
Description  True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367-5 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7367-5_15 Datasheet HTML 4Page - Analog Devices AD7367-5_15 Datasheet HTML 5Page - Analog Devices AD7367-5_15 Datasheet HTML 6Page - Analog Devices AD7367-5_15 Datasheet HTML 7Page - Analog Devices AD7367-5_15 Datasheet HTML 8Page - Analog Devices AD7367-5_15 Datasheet HTML 9Page - Analog Devices AD7367-5_15 Datasheet HTML 10Page - Analog Devices AD7367-5_15 Datasheet HTML 11Page - Analog Devices AD7367-5_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD7366-5/AD7367-5
Rev. B | Page 7 of 28
TIMING SPECIFICATIONS
AVCC = DVCC = 4.75 V to 5.25 V; VDD = 5 V to 16.5 V; VSS = −16.5 V to −5 V; VDRIVE = 2.7 V to 5.25 V; TA = TMIN to TMAX, unless otherwise noted.1
Table 4.
Parameter
2.7 V ≤ VDRIVE ≤ 5.25 V
Unit
Test Conditions/Comments
tCONVERT
Conversion time, internal clock. CONVST falling edge to BUSY falling edge.
1.25
μs max
For the AD7367-5.
1.25
μs max
For the AD7366-5.
fSCLK
10
kHz min
Frequency of serial read clock.
20
MHz max
tQUIET
50
ns min
Minimum quiet time required between the end of serial read and the start of the next
conversion.
t1
10
ns min
Minimum CONVST low pulse.
t2
40
ns min
CONVST falling edge to BUSY rising edge.
t3
0
ns min
BUSY falling edge to MSB valid once CS is low for t4 prior to BUSY going low.
t4
10
ns max
Delay from CS falling edge until Pin 1 (DOUTA) and Pin 23 (DOUTB) are three-state disabled.
t52
20
ns max
Data access time after SCLK falling edge.
t6
7
ns min
SCLK to data valid hold time.
t7
0.3 × tSCLK
ns min
SCLK low pulse width.
t8
0.3 × tSCLK
ns min
SCLK high pulse width.
t9
10
ns max
CS rising edge to DOUTA, DOUTB, high impedance.
tPOWER-UP
70
μs max
Power up time from shutdown mode; time required between CONVST rising edge and
CONVST falling edge.
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V.
All timing specifications given are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used. See the
Terminology section and Figure 25.
2 The time required for the output to cross is 0.4 V or 2.4 V.


Similar Part No. - AD7367-5_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5BRUZ AD-AD7367-5BRUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results

Similar Description - AD7367-5_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com