Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7328 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7328
Description  8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328 Datasheet(HTML) 2 Page - Analog Devices

  AD7328_15 Datasheet HTML 1Page - Analog Devices AD7328_15 Datasheet HTML 2Page - Analog Devices AD7328_15 Datasheet HTML 3Page - Analog Devices AD7328_15 Datasheet HTML 4Page - Analog Devices AD7328_15 Datasheet HTML 5Page - Analog Devices AD7328_15 Datasheet HTML 6Page - Analog Devices AD7328_15 Datasheet HTML 7Page - Analog Devices AD7328_15 Datasheet HTML 8Page - Analog Devices AD7328_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
IMPORTANT LINKS for the AD7328*
Last content update 01/08/2014 10:16 am
SIMILAR PRODUCTS & PARAMETRIC SELECTION TABLES
Find Similar Products By Operating Parameters
Low Resolution - Simultaneous Sampling 12-Bit PulSAR ADCs
Low Resolution - Muxed 8/10/12/13-Bit PulSAR ADCs
DOCUMENTATION
CN-0047: Using the AD7328 8-Channel ADC in Applications with
Single-Ended Industrial-Level Signals
UG-419: Evaluating the AD7327/AD7328
MS-2210: Designing Power Supplies for High Speed ADC
Leading Inside Advertorials: A Whole New Value Equation for
Industrial Designs
ICs for Programmable Logic Control and Distributed Control Systems
PRODUCT RECOMMENDATIONS & REFERENCE DESIGNS
CN-0047: Using the AD7328 8-Channel ADC in Applications with
Single-Ended Industrial-Level Signals
SUGGESTED COMPANION PRODUCTS
Recommended Input Buffer Amplifiers for the AD7328
For low noise and low power applications, we recommend the
ADA4841-1, ADA4932-1, the dual ADA4841-2 or the low cost
AD8137.
For low noise and high frequency, we recommend the
AD8021, ADA4899-1 or the dual AD8022.
For low noise and low frequency at high supply voltages( up to
+-18V), we suggest the AD8597, ADA4627-1 or the dual
AD8599.
For low noise and low frequency applications at medium
supply voltages( up to +-13V), we suggest the AD8610 or the
dual AD8620.
Recommended External References for the AD7328
For a precision 2.5V reference, we recommend AD780,
AD1582, ADR431 or the ADR391.
For a precision 3.0V reference, we recommend AD780 or the
REF193.
DESIGN TOOLS, MODELS, DRIVERS & SOFTWARE
BeMicro FPGA Project for AD7328 with Nios driver
AD7328 FMC-SDP Interposer & Evaluation Board / Xilinx KC705
Reference Design
AD7328 - Microcontroller No-OS Driver
EVALUATION KITS & SYMBOLS & FOOTPRINTS
View the Evaluation Boards and Kits page for documentation and
purchasing
Symbols and Footprints
DESIGN COLLABORATION COMMUNITY
Collaborate Online with the ADI support team and other designers
about select ADI products.
Follow us on Twitter: www.twitter.com/ADI_News
Like us on Facebook: www.facebook.com/AnalogDevicesInc
DESIGN SUPPORT
Submit your support request here:
Linear and Data Converters
Embedded Processing and DSP
Telephone our Customer Interaction Centers toll free:
Americas:
1-800-262-5643
Europe:
00800-266-822-82
China:
4006-100-006
India:
1800-419-0108
Russia:
8-800-555-45-90
Quality and Reliability
Lead(Pb)-Free Data
SAMPLE & BUY
AD7328
View Price & Packaging
Request Evaluation Board
Request Samples
Check Inventory & Purchase
Find Local Distributors
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet.
Note: Dynamic changes to the content on this page (labeled 'Important Links') does not
constitute a change to the revision number of the product data sheet.
This content may be frequently modified.


Similar Part No. - AD7328_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results

Similar Description - AD7328_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com