Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2LD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KA2LD
Description  Residual current devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KA2LD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KA2LD Datasheet HTML 1Page - List of Unclassifed Manufacturers KA2LD Datasheet HTML 2Page - List of Unclassifed Manufacturers KA2LD Datasheet HTML 3Page - List of Unclassifed Manufacturers KA2LD Datasheet HTML 4Page - List of Unclassifed Manufacturers KA2LD Datasheet HTML 5Page - List of Unclassifed Manufacturers KA2LD Datasheet HTML 6Page - List of Unclassifed Manufacturers KA2LD Datasheet HTML 7Page - List of Unclassifed Manufacturers KA2LD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Residual
curr
ent
devices
Low Voltage Products & Systems
A
F200A
F202A
F204A
Type A
Technical data
Technical data –
Rated
current
mA
Rated
current
A
F202A-16/0.01
F202A-25/0.03
F202A-40/0.03
F202A-63/0.03
F202A-80/0.03
F202A-100/0.03
F202A-25/0.1
F202A-40/0.1
F202A-63/0.1
F202A-80/0.1
F202A-100/0.1
F202A-25/0.3
F202A-40/0.3
F202A-63/0.3
F202A-80/0.3
F202A-100/0.3
F202A-25/0.5
F202A-40/0.5
F202A-63/0.5
F202A-80/0.5
F202A-100/0.5
Rated
current
mA
Rated
current
A
F204A-25/0.03
F204A-40/0.03
F204A-63/0.03
F204A-80/0.03
F204A-100/0.03
F204A-125/0.03
F204A-25/0.1
F204A-40/0.1
F204A-63/0.1
F204A-80/0.1
F204A-100/0.1
F204A-125/0.1
F204A-25/0.3
F204A-40/0.3
F204A-63/0.3
F204A-80/0.3
F204A-100/0.3
F204A-125/0.3
F204A-25/0.5
F204A-40/0.5
F204A-63/0.5
F204A-80/0.5
F204A-100/0.5
F204A-125/0.5


Similar Part No. - KA2LD

ManufacturerPart #DatasheetDescription
logo
Rohm
KA2001-B05N30A ROHM-KA2001-B05N30A Datasheet
82Kb / 2P
   For Label wr i ters ser ies
KA2002-B05B70A ROHM-KA2002-B05B70A Datasheet
324Kb / 2P
   For Mobile Printers series
2019.10 - Rev.001
KA2002-B35N00A ROHM-KA2002-B35N00A Datasheet
72Kb / 2P
   For Mobi le Pr inters ser ies
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
52Kb / 5P
   Compact Battery drivable thick film thermal printhead (8dots / mm)
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
109Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
More results

Similar Description - KA2LD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
   Residual current converter for type B residual current monitor.
logo
Kemet Corporation
FG-R05-3A KEMET-FG-R05-3A Datasheet
851Kb / 11P
   Residual current sensor
logo
PHOENIX CONTACT
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
   Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
   Residual current converter for type B residual current monitor.
logo
Weidmuller
2603430000 WEIDMULLER-2603430000 Datasheet
188Kb / 4P
   Residual current transformer, Primary current: 25A
2603420000 WEIDMULLER-2603420000 Datasheet
186Kb / 4P
   Residual current transformer, Primary current: 25A
2603440000 WEIDMULLER-2603440000 Datasheet
186Kb / 4P
   Residual current transformer, Primary current: 25A
November 4, 2021
2603450000 WEIDMULLER-2603450000 Datasheet
186Kb / 4P
   Residual current transformer, Primary current: 25A
November 4, 2021
2656270000 WEIDMULLER-2656270000 Datasheet
139Kb / 2P
   Residual current transformer (RCM), Primary current: 18 A
November 4, 2021
logo
Schaffner International...
FN-3268 SCHAFFNER-FN-3268 Datasheet
416Kb / 4P
   EMC/EMI Filter for Installations with Residual Current Device
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com