Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A30P30PP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # A30P30PP
Description  PERFORATED PANELS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A30P30PP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button A30P30PP Datasheet HTML 7Page - List of Unclassifed Manufacturers A30P30PP Datasheet HTML 8Page - List of Unclassifed Manufacturers A30P30PP Datasheet HTML 9Page - List of Unclassifed Manufacturers A30P30PP Datasheet HTML 10Page - List of Unclassifed Manufacturers A30P30PP Datasheet HTML 11Page - List of Unclassifed Manufacturers A30P30PP Datasheet HTML 12Page - List of Unclassifed Manufacturers A30P30PP Datasheet HTML 13Page - List of Unclassifed Manufacturers A30P30PP Datasheet HTML 14Page - List of Unclassifed Manufacturers A30P30PP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
11
Panels for free-stand tyPe 4, 4x and 12 single- and dual-access one-door enclosures With
mounting channel
Panels for one-door, single-access and one-door, dual-access Free-Stand Type 12 Enclosures, Free-Stand Type 4 Enclosures and One-
Door Type 4X Free-Stand Fiberglass Enclosures. Panels are 12 gauge steel and can be positioned anywhere along horizontal mounting
channels (see dimension drawing Sections B-B for limitations). Half-length panels can be located in the upper or lower portion of the
enclosure. Panels are finished with white polyester powder paint or a conductive, corrosion-resistant coating and furnished with plated
mounting hardware.
Bulletin: pnl30, pnlFS
Catalog Number
Description
Finish
Panel Size (in.)
Panel Size (mm)
Fits Enclosure
A x B (in.)
Fits Enclosure
A x B (mm)
A60P24F1
Full Panel
Painted steel
48.00 x 20.00
1218 x 508
60.00 x 24.00
1524 x 610
A60P24F1G
Full Panel
Conductive
48.00 x 20.00
1218 x 508
60.00 x 24.00
1524 x 610
A60P24F2
Half Panel
Painted steel
24.88 x 20.00
632 x 508
60.00 x 24.00
1524 x 610
A60P24F2G
Half Panel
Conductive
24.88 x 20.00
632 x 508
60.00 x 24.00
1524 x 610
A72P24F1
Full Panel
Painted steel
60.00 x 20.00
1524 x 508
72.00 x 24.00
1829 x 610
A72P24F1G
Full Panel
Conductive
60.00 x 20.00
1524 x 508
72.00 x 24.00
1829 x 610
A72P24F2
Half Panel
Painted steel
30.88 x 20.00
784 x 508
72.00 x 24.00
1829 x 610
A72P24F2G
Half Panel
Conductive
30.88 x 20.00
784 x 508
72.00 x 24.00
1829 x 610
A90P24F1
Full Panel
Painted steel
78.00 x 20.00
1981 x 508
90.00 x 24.00
2286 x 610
A90P24F1G
Full Panel
Conductive
78.00 x 20.00
1981 x 508
90.00 x 24.00
2286 x 610
A90P24F2
Half Panel
Painted steel
39.88 x 20.00
1013 x 508
90.00 x 24.00
2286 x 610
A90P24F2G
Half Panel
Conductive
39.88 x 20.00
1013 x 508
90.00 x 24.00
2286 x 610
A72P30F1
Full Panel
Painted steel
60.00 x 26.00
1524 x 660
72.00 x 30.00
1829 x 762
A72P30F1G
Full Panel
Conductive
60.00 x 26.00
1524 x 660
72.00 x 30.00
1829 x 762
A72P30F2
Half Panel
Painted steel
30.88 x 26.00
784 x 660
72.00 x 30.00
1829 x 762
A72P30F2G
Half Panel
Conductive
30.88 x 26.00
784 x 660
72.00 x 30.00
1829 x 762
A60P36F1
Full Panel
Painted steel
48.00 x 32.00
1219 x 813
60.00 x 36.00
1524 x 914
A60P36F1G
Full Panel
Conductive
48.00 x 32.00
1219 x 813
60.00 x 36.00
1524 x 914
A60P36F2
Half Panel
Painted steel
24.88 x 32.00
632 x 813
60.00 x 36.00
1524 x 914
A60P36F2G
Half Panel
Conductive
24.88 x 32.00
632 x 813
60.00 x 36.00
1524 x 914
A72P36F1
Full Panel
Painted steel
60.00 x 32.00
1524 x 813
72.00 x 36.00
1829 x 914
A72P36F1G
Full Panel
Conductive
60.00 x 32.00
1524 x 813
72.00 x 36.00
1829 x 914
A72P36F2
Half Panel
Painted steel
30.88 x 32.00
784 x 813
72.00 x 36.00
1829 x 914
A72P36F2G
Half Panel
Conductive
30.88 x 32.00
784 x 813
72.00 x 36.00
1829 x 914
A90P36F1
Full Panel
Painted steel
78.00 x 32.00
1981 x 813
90.00 x 36.00
2286 x 914
A90P36F1G
Full Panel
Conductive
78.00 x 32.00
1981 x 813
90.00 x 36.00
2286 x 914
A90P36F2
Half Panel
Painted steel
39.88 x 32.00
1013 x 813
90.00 x 36.00
2286 x 914
A90P36F2G
Half Panel
Conductive
39.88 x 32.00
1013 x 813
90.00 x 36.00
2286 x 914
Use combinations of panels for 3-5 door A 28 enclosures.


Similar Part No. - A30P30PP

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A30P30PP PENTAIR-A30P30PP Datasheet
1Mb / 16P
   Panels and Panel Accessories
More results

Similar Description - A30P30PP

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8230005 FIBOX-8230005 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230004 FIBOX-8230004 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230006 FIBOX-8230006 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8120930 FIBOX-8120930 Datasheet
192Kb / 2P
   Mounting plate perforated (250x150x2 mm - 26x11 mm)
11.01.2023
8120752 FIBOX-8120752 Datasheet
43Kb / 1P
   Mounting plate perforated (250x250x2 mm - 26x11 mm)
24.07.2023
logo
Kendall Howard
3142-3-001-15 KENDALLHOWARD-3142-3-001-15 Datasheet
329Kb / 2P
   15U LINIER WM FIXED CABINET, PERFORATED DOOR
logo
FIBOX Enclosing innovat...
8120931 FIBOX-8120931 Datasheet
204Kb / 2P
   Mounting plate perforated (350x250x2 mm - 26x11 mm)
11.01.2023
8120933 FIBOX-8120933 Datasheet
324Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120756 FIBOX-8120756 Datasheet
336Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120754 FIBOX-8120754 Datasheet
44Kb / 1P
   Mounting plate perforated (350x350x2 mm - 26x11 mm)
24.07.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com