Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM67-B510LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM67-B510LF
Description  Operating Temperature Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM67-B510LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM67-B510LF Datasheet HTML 1Page - List of Unclassifed Manufacturers HM67-B510LF Datasheet HTML 2Page - List of Unclassifed Manufacturers HM67-B510LF Datasheet HTML 3Page - List of Unclassifed Manufacturers HM67-B510LF Datasheet HTML 4Page - List of Unclassifed Manufacturers HM67-B510LF Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
70
HM67-B5R0LF
1-4, 2-3
5.0 ± 30%
0.08
1000
0.12
A
1
HM67-B110LF
1-4, 2-3
11.0 ± 30%
0.10
500
0.15
B
1
HM67-S250LF
1-4, 2-3
25.0 ± 30%
1.60
500
0.18
C
1
HM67-B510LF
1-4, 2-3
51.0 ± 30%
1.90
500
0.10
D
1
HM67-S510LF
1-4, 2-3
51.0 ± 30%
2.80
500
0.25
E
1
HM67-B471LF
1-4, 2-3
470.0 ± 30%
0.80
500
0.28
F
1
HM67-B102(3)LF
1-4, 2-3
1000.0 +50%, -30%
0.16
500
0.30
G
1
HM67-B222(3)LF
1-4, 2-3
2200.0 +50%, -30%
0.16
400
0.42
H
1
HM67-B472(3)LF
1-4, 2-3
4700.0 +50%, -30%
0.24
200
0.67
I
1
HM67-10510LF
1-4, 2-3
51.0 ± 30%(4)
2.40(4)
200
0.403
0510
2
Packaging
Ordering Information
Inductance Code:
First2digitsaresignificant.
Lastdigitdenotesthenumberoftrailingzeros.
Forvaluesbelow10µH,“R”denotesthedecimalpoint.
Winding Type:
B=Bifilar
S /10= Sector
Model Series
TR - Tape & Reel Packing
13 - 13” reel
Lead-Free
Standard: Embossed Tape & Reel
Reel:
Diameter: Figure1&2 = 13”(330.2mm)
Capacity: Figure 1
=
400 Units
Figure 2
=
2000 Units
HM67 - B 110 LF TR13
Schematic
• OperatingTemperatureRange
-40°Cto+125°C
• AmbientTemperature,Maximum
85°C
• TemperatureRise,Maximum
40°C
• DielectricWithstandingVoltage
300Vdc
Electrical / Environmental
SurfaceMountCommonModeChokes
Specifications
Notes: (1)Leakageinductanceismeasuredwithpin2&3shorted.
(2)DCresistanceismeasuredat25°C.
(3)Maximumoperatingtemperatureis+85°C.
(4)Commonmodeinductance&leakageinductanceofHM67-10510LFaremeasuredat100kHz,0.05V
HM67
Common Mode Inductance Inductance Leakage
@100 kHz - 0.1 V
@100 kHz - 0.1 Vrms
Rated
DCR (2)
Part
(1-4 or 2-3)
(1-4)(1) Typ.
Current
Max.
Marking
Figure
Number
Terminals
µH
µH
mA
W
Code
RoHS
Compliant


Similar Part No. - HM67-B510LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM67-B510LF BITECH-HM67-B510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67-B510LF BITECH-HM67-B510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM67-B510LF TTELEC-HM67-B510LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results

Similar Description - HM67-B510LF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com