Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A24P24PP Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # A24P24PP
Description  PERFORATED PANELS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A24P24PP Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button A24P24PP Datasheet HTML 6Page - List of Unclassifed Manufacturers A24P24PP Datasheet HTML 7Page - List of Unclassifed Manufacturers A24P24PP Datasheet HTML 8Page - List of Unclassifed Manufacturers A24P24PP Datasheet HTML 9Page - List of Unclassifed Manufacturers A24P24PP Datasheet HTML 10Page - List of Unclassifed Manufacturers A24P24PP Datasheet HTML 11Page - List of Unclassifed Manufacturers A24P24PP Datasheet HTML 12Page - List of Unclassifed Manufacturers A24P24PP Datasheet HTML 13Page - List of Unclassifed Manufacturers A24P24PP Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION
accessories
10
Panels for free-stand tyPe 1 large one-door enclosures
Panels for free-stand Type 1 large one-door standard and disconnect enclosures are 12 gauge steel. Panels have either polyester powder
paint finish or a conductive, corrosion-resistant coating.
Bulletin: A26p, A38p
Catalog Number
Finish
Panel Size
D x E (in.)
Panel Size
D x E (mm)
A37P21N
Painted steel
37.16 x 21.50
944 x 546
A37P21NG
Conductive
37.16 x 21.50
944 x 546
A49P21N
Painted steel
49.16 x 21.50
1249 x 546
A49P21NG
Conductive
49.16 x 21.50
1249 x 546
A61P21N
Painted steel
61.16 x 21.50
1553 x 546
A73P21N
Painted steel
73.16 x 21.50
1858 x 546
A73P21NG
Conductive
73.16 x 21.50
1858 x 546
A49P32N
Painted steel
49.16 x 32.00
1249 x 813
A49P32NG
Conductive
49.16 x 32.00
1249 x 813
A61P32N
Painted steel
61.16 x 32.00
1553 x 813
A61P32NG
Conductive
61.16 x 32.00
1553 x 813
A73P32N
Painted steel
73.16 x 32.00
1858 x 813
A73P32NG
Conductive
73.16 x 32.00
1858 x 813
Panels for free-stand tyPe 1 large tWo-door enclosures
Panels for free-stand Type 1 large two-door standard and disconnect enclosures are 10 gauge steel. Panels have either polyester powder
paint finish or a conductive, corrosion-resistant coating.
Bulletin: A38p
Catalog Number
Finish
Panel Size
D x E (in.)
Panel Size
D x E (mm)
A37P48N
Painted steel
37.16 x 48.00
944 x 1219
A37P48NG
Conductive
37.16 x 48.00
944 x 1219
A49P48N
Painted steel
49.16 x 48.00
1249 x 1219
A49P48NG
Conductive
49.16 x 48.00
1249 x 1219
A49P68N
Painted steel
49.16 x 68.00
1249 x 1727
A49P68NG
Conductive
49.16 x 68.00
1249 x 1727
A61P68N
Painted steel
61.16 x 68.00
1553 x 1727
A61P68NG
Conductive
61.16 x 68.00
1553 x 1727
A73P68N
Painted steel
73.16 x 68.00
1858 x 1727
A73P68NG
Conductive
73.16 x 68.00
1858 x 1727


Similar Part No. - A24P24PP

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A24P24PP PENTAIR-A24P24PP Datasheet
1Mb / 16P
   Panels and Panel Accessories
More results

Similar Description - A24P24PP

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8230005 FIBOX-8230005 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230004 FIBOX-8230004 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8230006 FIBOX-8230006 Datasheet
37Kb / 1P
   Mounting Nuts for Perforated MPP
26.07.2023
8120930 FIBOX-8120930 Datasheet
192Kb / 2P
   Mounting plate perforated (250x150x2 mm - 26x11 mm)
11.01.2023
8120752 FIBOX-8120752 Datasheet
43Kb / 1P
   Mounting plate perforated (250x250x2 mm - 26x11 mm)
24.07.2023
logo
Kendall Howard
3142-3-001-15 KENDALLHOWARD-3142-3-001-15 Datasheet
329Kb / 2P
   15U LINIER WM FIXED CABINET, PERFORATED DOOR
logo
FIBOX Enclosing innovat...
8120931 FIBOX-8120931 Datasheet
204Kb / 2P
   Mounting plate perforated (350x250x2 mm - 26x11 mm)
11.01.2023
8120933 FIBOX-8120933 Datasheet
324Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120756 FIBOX-8120756 Datasheet
336Kb / 2P
   Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120754 FIBOX-8120754 Datasheet
44Kb / 1P
   Mounting plate perforated (350x350x2 mm - 26x11 mm)
24.07.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com