Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS86DMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # ACS86DMSR
Description  Radiation Hardened Quad 2-Input Exclusive OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS86DMSR Datasheet(HTML) 4 Page - Intersil Corporation

  ACS86DMSR Datasheet HTML 1Page - Intersil Corporation ACS86DMSR Datasheet HTML 2Page - Intersil Corporation ACS86DMSR Datasheet HTML 3Page - Intersil Corporation ACS86DMSR Datasheet HTML 4Page - Intersil Corporation ACS86DMSR Datasheet HTML 5Page - Intersil Corporation ACS86DMSR Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test 1 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test 2 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test 3 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate Group A testing may be exercised in accordance with MIL-STD-883, Method 5005.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUP
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. BURN-IN TEST CONNECTIONS (+125oC < TA < 139oC)
OPEN
GROUND
1/2 VCC = 3V
±0.5V
VCC = 6V
±0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN 1 (Note 1)
-
1, 2, 4, 5, 7, 9, 10,
12, 13
3, 6, 8, 11
14
-
-
STATIC BURN-IN 2 (Note 1)
-
7
3, 6, 8, 11
1, 2, 4, 5, 9,
10, 12, 13
--
DYNAMIC BURN-IN (Note 1)
-
7
3, 6, 8, 11
14
1, 2, 4, 5, 9,
10, 12, 13
-
NOTE:
1. Each pin except VCC and GND will have a series resistor of 500
Ω±5%.
TABLE 9. IRRADIATION TEST CONNECTIONS (TA = +25oC,
±5oC)
FUNCTION
OPEN
GROUND
VCC
±0.5V
Irradiation Circuit (Note 1)
3, 6, 8, 11
7
1, 2, 4, 5, 9, 10, 12, 13, 14
NOTE:
1. Each pin except VCC and GND will have a series resistor of 47k
Ω±5%. Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures.
Specifications ACS86MS
Spec Number
518849


Similar Part No. - ACS86DMSR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8509 IQD-ACS8509 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8509T SEMTECH-ACS8509T Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
More results

Similar Description - ACS86DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS86MS INTERSIL-HCTS86MS Datasheet
146Kb / 9P
   Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
logo
Renesas Technology Corp
HCS86MS RENESAS-HCS86MS Datasheet
377Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
logo
Intersil Corporation
HCS86MS INTERSIL-HCS86MS Datasheet
176Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
logo
Renesas Technology Corp
HCTS86MS RENESAS-HCTS86MS Datasheet
385Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
logo
Intersil Corporation
ACTS86MS INTERSIL-ACTS86MS Datasheet
86Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive OR Gate
April 1995
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS32MS INTERSIL-HCTS32MS Datasheet
55Kb / 9P
   Radiation Hardened Quad 2-Input OR Gate
September 1995
logo
Renesas Technology Corp
ACS32MS RENESAS-ACS32MS Datasheet
175Kb / 2P
   Radiation Hardened Quad 2-Input OR Gate
November 1998
HCS32MS RENESAS-HCS32MS Datasheet
481Kb / 11P
   Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
logo
Intersil Corporation
HCS32MS INTERSIL-HCS32MS Datasheet
179Kb / 8P
   Radiation Hardened Quad 2-Input OR Gate
September 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com