Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE100A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P4KE100A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P4KE100A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P4KE100A Datasheet HTML 1Page - List of Unclassifed Manufacturers P4KE100A Datasheet HTML 2Page - List of Unclassifed Manufacturers P4KE100A Datasheet HTML 3Page - List of Unclassifed Manufacturers P4KE100A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P4KE6.8 thru P4KE440CA
Document Number: P4KE6.8 thru P4KE440CA
www.smsemi.com
Feb.29, 2012
3
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Type
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Temperature
Coefficient
of VBR
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
%/℃
P4KE82
P4KE82A
P4KE91
P4KE91A
73.8
77.9
81.9
86.5
90.2
86.1
100.0
95.5
1
1
1
1
66.4
70.1
73.7
77.8
1
1
1
1
3.4
3.5
3.1
3.2
118.0
113.0
131.0
125.0
.105
.105
.106
.106
P4KE100
P4KE100A
P4KE110
P4KE110A
90.0
95.0
99.0
105.0
110.0
105.0
121.0
116.0
1
1
1
1
81.0
85.5
89.2
94.0
1
1
1
1
2.8
2.9
2.5
2.6
144.0
137.0
158.0
152.0
.106
.106
.107
.107
P4KE120
P4KE120A
P4KE130
P4KE130A
108.0
114.0
117.0
124.0
132.0
126.0
143.0
137.0
1
1
1
1
97.2
102.0
105.0
111.0
1
1
1
1
2.3
2.4
2.1
2.2
173.0
165.0
187.0
179.0
.107
.107
.107
.107
P4KE150
P4KE150A
P4KE160
P4KE160A
135.0
143.0
144.0
152.0
165.0
158.0
176.0
168.0
1
1
1
1
121.0
128.0
130.0
136.0
1
1
1
1
1.9
1.95
1.7
1.8
215.0
207.0
230.0
219.0
.108
.108
.108
.108
P4KE170
P4KE170A
P4KE180
P4KE180A
153.0
162.0
162.0
171.0
187.0
179.0
198.0
189.0
1
1
1
1
138.0
145.0
146.0
154.0
1
1
1
1
1.6
1.7
1.5
1.6
244.0
234.0
258.0
246.0
.108
.108
.108
.108
P4KE200
P4KE200A
P4KE220
P4KE220A
180.0
190.0
198.0
209.0
220.0
210.0
242.0
231.0
1
1
1
1
162.0
171.0
175.0
185.0
1
1
1
1
1.4
1.5
1.0
1.0
287.0
274.0
344.0
328.0
.108
.108
.110
.110
P4KE250
P4KE250A
P4KE300
P4KE300A
225.0
237.0
270.0
285.0
275.0
263.0
330.0
315.0
1
1
1
1
202.0
214.0
243.0
256.0
1
1
1
1
1.0
1.0
1.0
1.0
360.0
344.0
430.0
414.0
.110
.110
.110
.110
P4KE350
P4KE350A
P4KE400
P4KE400A
315.0
333.0
360.0
380.0
385.0
368.0
440.0
420.0
1
1
1
1
284.0
300.0
324.0
342.0
1
1
1
1
1.0
1.0
1.0
1.0
504.0
482.0
574.0
548.0
.110
.110
.110
.110
P4KE440
P4KE440A
396.0
418.0
484.0
462.0
1
1
356.0
376.0
1
1
1.0
1.0
631.0
602.0
.110
.110
1.
For bi-directional construction, indicate a C or CA suffix after part number, i.e. P4KE200C or P4KE200CA
打印无效


Similar Part No. - P4KE100A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P4KE100A DIOTECH-P4KE100A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4KE100A PANJIT-P4KE100A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE100A TSC-P4KE100A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Ruilongyuan Electronics...
P4KE100A RUILON-P4KE100A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
logo
Diotec Semiconductor
P4KE100A DIOTEC-P4KE100A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE100A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com