Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WR08 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WR08
Description  Thick Film General Purpose Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WR08 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WR08 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 2Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 3Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 4Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 5Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 6Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 7Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 8Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Approval sheet
Page 4 of 10
ASC_WR_V22
Sep.- 2013
MARKING
Size \ Nr. Of digit of code\tolerance
±±±±5%
±±±±1%
1206 (3216)
3-digits marking
4-digits marking
0805 (2012)
3-digits marking
4-digits marking
0603 (1608)
3-digits marking
3-digits marking
0402(1005)
N0 MARKING
3-digits marking(
±5% : 1206 & 0805 & 0603 )
Each resistor is marked with a three digits code on the protective coating to designate the nominal resistance value.
3-digits marking(
±1% : 0603)
Nominal resistance
Description
1.E-24 series
As 0603 WR06X
±5%.
2.E-96 series
The 1st two digit codes are referring to the CODE on the table, the 3rd code is the index of resistance
value :
Y=10
-2,X=10-1,A=100,B=101,C=102,D=103,E=104,F=105
EX :
17.8Ω=25X,178Ω=25A,1K78 =25B
17K8=25C, 178K=25D, 1M78=25E
3. Remark
There is no marking for the items are not under E-24 and E-96 series
CODE
R_value
CODE
R_value
CODE
R_Value
CODE
R_value
CODE
R_value
CODE
R_value
CODE
R_value
CODE
R_value
01
100
13
133
25
178
37
237
49
316
61
422
73
562
85
750
02
102
14
137
26
182
38
243
50
324
62
432
74
576
86
768
03
105
15
140
27
187
39
249
51
332
63
442
75
590
87
787
04
107
16
143
28
191
40
255
52
340
64
453
76
604
88
806
05
110
17
147
29
196
41
261
53
348
65
464
77
619
89
825
06
113
18
150
30
200
42
267
54
357
66
475
78
634
90
845
07
115
19
154
31
205
43
274
55
365
67
487
79
649
91
866
08
118
20
158
32
210
44
280
56
374
68
499
80
665
92
887
09
121
21
162
33
215
45
287
57
383
69
511
81
681
93
909
10
124
22
165
34
221
46
294
58
392
70
523
82
698
94
931
11
127
23
169
35
226
47
301
59
402
71
536
83
715
95
953
12
130
24
174
36
232
48
309
60
412
72
549
84
732
96
976
4-digits marking(
±1% : 1206/0805
Each resistor is marked with a four digits code on the protective coating to designate the nominal resistance value.
Example
RESISTANCE
10
12
100
6800
47000
3-digits marking(
(1206 & 0805 & 0603
±±±±5% )
100
120
101
682
473
4-digits marking
10R0
12R0
1000
6801
4702


Similar Part No. - WR08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR08 ETC2-WR08 Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
WR08 ETC2-WR08 Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR08W000_FAL WALSIN-WR08W000_FAL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR08W000_FBL WALSIN-WR08W000_FBL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR08W000_FDL WALSIN-WR08W000_FDL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
More results

Similar Description - WR08

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
   Thick Film General Purpose chip resistors
logo
List of Unclassifed Man...
WR08X562 ETC2-WR08X562 Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
WR08X1004FTL ETC2-WR08X1004FTL Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR02X WALSIN-WR02X Datasheet
230Kb / 7P
   Thick Film General purpose chip resistors
WR12 WALSIN-WR12 Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR10X WALSIN-WR10X Datasheet
239Kb / 8P
   Thick film Technology General purpose chip resistors
logo
Samsung semiconductor
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F6651CS SAMSUNG-RC2012F6651CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F49R9CS SAMSUNG-RC2012F49R9CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com