Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS373MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS373MS
Description  Radiation Hardened Octal Transparent Latch, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS373MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS373MS Datasheet HTML 1Page - Intersil Corporation ACS373MS Datasheet HTML 2Page - Intersil Corporation ACS373MS Datasheet HTML 3Page - Intersil Corporation ACS373MS Datasheet HTML 4Page - Intersil Corporation ACS373MS Datasheet HTML 5Page - Intersil Corporation ACS373MS Datasheet HTML 6Page - Intersil Corporation ACS373MS Datasheet HTML 7Page - Intersil Corporation ACS373MS Datasheet HTML 8Page - Intersil Corporation ACS373MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
ACS373MS
Radiation Hardened
Octal Transparent Latch, Three-State
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR, CDIP2-T20, LEAD FINISH C
TOP VIEW
20 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR, CDFP4-F20, LEAD FINISH C
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
LE
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
OE
Q0
D0
D1
Q1
Q2
D2
D3
9
10
12
11
Q3
GND
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
LE
April 1995
Spec Number
518799
File Number
3999
Truth Table
OE
LE
D
Q
L
HHH
LHL
L
LL
I
L
LLh
H
HX
X
Z
NOTE:
L = Low Voltage Level
H = High Voltage Level
X = Don’t Care
Z = High Impedance State
I
= Low voltage level one set-up time prior to the high to low latch enable transition
h = High voltage level one set-up time prior to the high to low latch enable transition
Functional Diagram
DQ
LE
D
LE
Q
OE
LATCH
COMMON
OE
1 OF 8
(3, 4, 7, 8, 13,
14, 17, 18)
(2, 5, 6, 9, 12,
15, 16, 19)
(1)
(11)
CONTROLS
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
ACS373DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
ACS373KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
ACS373D/Sample
+25oC
Sample
20 Lead SBDIP
ACS373K/Sample
+25oC
Sample
20 Lead Ceramic Flatpack
ACS373HMSR
+25oC
Die
Die
Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current
≤1µA at VOL, VOH
Description
The Intersil ACS373MS is a radiation hardened octal transparent
latch with three-state outputs. The outputs are transparent to the
inputs when the latch enable (LE) is high. When the LE goes low,
the data is latched. When the Output Enable (OE) is high, the
outputs are in the high impedance state. The latch operation is
independent of the state of the output enable.
The ACS373MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family.


Similar Part No. - ACS373MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS373MS RENESAS-ACS373MS Datasheet
418Kb / 10P
   Radiation HardenedOctal Transparent Latch, Three-State
April 1995
More results

Similar Description - ACS373MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Renesas Technology Corp
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
ACTS373MS INTERSIL-ACTS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com