Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7815W-500 Datasheet(PDF) 3 Page - CUI INC

Part # V7815W-500
Description  NON-ISOLATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V7815W-500 Datasheet(HTML) 3 Page - CUI INC

  V7815W-500 Datasheet HTML 1Page - CUI INC V7815W-500 Datasheet HTML 2Page - CUI INC V7815W-500 Datasheet HTML 3Page - CUI INC V7815W-500 Datasheet HTML 4Page - CUI INC V7815W-500 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
09/06/2012 │ page 3 of 5
CUI Inc
│ SERIES: V78W-500 │ DESCRIPTION: DC-DC CONVERTER
2.15 0.085
2.15 0.085
5.08 0.200
5.08 0.200
2
0.020
0.50
0.55 0.022
13
9.00 0.354
9.00 0.354
4.10 0.161
2
13
11.50 0.453
0.020
17.50 0.689
0.50
4.10 0.161
11.50 0.453
1.50 0.059
17.50 0.689
0.50 0.020
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
11.5 x 9.0 x 17.5 mm (0.45 x 0.35 x 0.69 inch)
case material
Plastic (UL94-V0)
weight
4g
Units: mm [in]
All pins on a 2.54mm pitch
pin tolerance: ±0.10mm[±0.004in]
general tolerance: ±0.25mm[±0.010in]
general tolerance (right angle): ±0.50mm[±0.020in]
V78W-500
V78W-500R
RECOMMENDED FOOTPRINT
1.10 0.043
(3 PLCS)
5.08 0.200
2.15 0.085
2.54 0.100
2.54 0.100
1.10 0.043
(3 PLCS)
1.35 0.053
5.08 0.200
2.54 0.100
2.54 0.100
1
2
13
2
3
PIN CONNECTIONS
1
+Vin
2
GND
3
+Vout
V78W-500
V78W-500R


Similar Part No. - V7815W-500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7815W-500 CUI-V7815W-500 Datasheet
471Kb / 5P
   NON-ISOLATED SWITCHING REGULATOR
V7815W-500 CUI-V7815W-500 Datasheet
504Kb / 5P
   NON-ISOLATED SWITCHING REGULATOR
V7815W-500 CUI-V7815W-500 Datasheet
702Kb / 5P
   NON-ISOLATED SWITCHING REGULATOR
09/21/2021
More results

Similar Description - V7815W-500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com