Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T63ZA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T63ZA
Description  1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T63ZA Datasheet(HTML) 4 Page - Vishay Siliconix

  T63ZA Datasheet HTML 1Page - Vishay Siliconix T63ZA Datasheet HTML 2Page - Vishay Siliconix T63ZA Datasheet HTML 3Page - Vishay Siliconix T63ZA Datasheet HTML 4Page - Vishay Siliconix T63ZA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T63
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
4
Document Number: 51024
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
T63
XA
XB
YA
YB
ZA
ZB
From
10
 to 2.2 M
104 = 100 k
K = 10 %
on request J = 5 %
T20 = Tube
50 pieces
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
T63
XA
100K
10 %
TU
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD (Pb)-FREE
A1
0
4
K
T
2
3
T
X
6
0


Similar Part No. - T63ZA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T63ZA VISHAY-T63ZA Datasheet
84Kb / 5P
   1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
T63ZA104KT20 VISHAY-T63ZA104KT20 Datasheet
84Kb / 5P
   1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
More results

Similar Description - T63ZA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T63 VISHAY-T63 Datasheet
102Kb / 5P
   1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
Revision: 09-Sep-16
T63YB101KT20 VISHAY-T63YB101KT20 Datasheet
94Kb / 5P
   1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
Revision: 20-Jun-13
T6XA474KT20 VISHAY-T6XA474KT20 Datasheet
86Kb / 5P
   1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
T63 VISHAY-T63_V01 Datasheet
84Kb / 5P
   1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
T9XA474KT20 VISHAY-T9XA474KT20 Datasheet
108Kb / 5P
   3/8 Square Multi-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
Revision: 03-Apr-17
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
T12 VISHAY-T12_V01 Datasheet
122Kb / 6P
   Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
01-Jan-2022
P8P VISHAY-P8P Datasheet
135Kb / 4P
   Fully Sealed Container Cermet Trimmers
Revision: 26-Oct-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com