Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKBJ410 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SKBJ410
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SKBJ410 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SKBJ410 Datasheet HTML 1Page - List of Unclassifed Manufacturers SKBJ410 Datasheet HTML 2Page - List of Unclassifed Manufacturers SKBJ410 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SKBJ402 thru SKBJ410
Document Number: SKBJ402 thru SKBJ410
www.
Jan.12, 2011
3
smsemi.com
Package Outline Information
0.157(4.0)
0.059
(1.50)
0.146(3.7)
0.130(3.3)
0.078(1.98)
0.062(1.58)
0.057(1.45)
0.041(1.05)
0.150(3.8)
0.134(3.4)
0.382(9.7)
0.366(9.3)
0.126(3.2)
0.110(2.8)
0.189(4.8)
0.173(4.4)
0.118(3.0)×45°
Chamfer
0.303(7.7)
0.287(7.3)
(3×)
0.134(3.4)
0.122(3.1)
Dia.
0.030(0.77)
0.024(0.62)
0.326(8.3)
0.287(7.3)
0.042(1.07)
0.038(0.96)
0.326(8.3)
0.287(7.3)
+
~
~
-
0.996(25.3)
0.972(24.7)
0.492
(12.5)
0.602(15.3)
0.579(14.7)
CASE: KBJ-A
Dimensions in inches (mm)


Similar Part No. - SKBJ410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SKBJ410G ETC2-SKBJ410G Datasheet
162Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - SKBJ410

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com