Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS20MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACS20MS
Description  Radiation Hardened Dual 4-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS20MS Datasheet(HTML) 3 Page - Intersil Corporation

  ACS20MS Datasheet HTML 1Page - Intersil Corporation ACS20MS Datasheet HTML 2Page - Intersil Corporation ACS20MS Datasheet HTML 3Page - Intersil Corporation ACS20MS Datasheet HTML 4Page - Intersil Corporation ACS20MS Datasheet HTML 5Page - Intersil Corporation ACS20MS Datasheet HTML 6Page - Intersil Corporation ACS20MS Datasheet HTML 7Page - Intersil Corporation ACS20MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Specifications ACS20MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Input to Output
TPHL
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
12
ns
TPLH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
10, 11
+125oC, -55oC
2
15
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC
-
18
-
pF
+125oC
-
20
-
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
10
pF
+125oC-
-
10
pF
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
RAD LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
100
µA
Output Current
(Source)
IOH
VCC = VIH = 4.5V,
VOUT = VCC -0.4V, VIL = 0
+25oC
-8.0
-
mA
Output Current (Sink)
IOL
VCC = VIH = 4.5V,
VOUT = 0.4V, VIL = 0
+25oC
8.0
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOH = -50
µA
+25oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOH = -50
µA
+25oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOL = 50
µA
+25oC
-
0.1
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOL = 50
µA
+25oC
-
0.1
V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±1
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, (Note 2)
+25oC-
-
V
Propagation Delay
Input to Output
TPHL
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
15
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests, VO
≥4.0V is recognized as a logic “1”, and VO ≤0.5V is recognized as a logic “0”.
TABLE 5. DELTA PARAMETERS (+25oC)
PARAMETER
SYMBOL
(NOTE 1)
DELTA LIMIT
UNITS
Supply Current
ICC
±1.0
µA
Output Current
IOL/IOH
±15
%
NOTE:
1. All delta calculations are referenced to 0 hour readings or pre-life readings.
Spec Number
518815


Similar Part No. - ACS20MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS21D INTERSIL-ACS21D Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
ACS21D INTERSIL-ACS21D Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
ACS21DMSR-03 INTERSIL-ACS21DMSR-03 Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
ACS21HMSR-03 INTERSIL-ACS21HMSR-03 Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
ACS21K INTERSIL-ACS21K Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
More results

Similar Description - ACS20MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
   Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
logo
Renesas Technology Corp
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
   Radiation Hardened 8-Input NAND Gate
August 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com