Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3506A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MT3506A
Description  Glass Passivated Three Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT3506A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MT3506A Datasheet HTML 1Page - List of Unclassifed Manufacturers MT3506A Datasheet HTML 2Page - List of Unclassifed Manufacturers MT3506A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MT3506A thru MT3516A
Document Number: MT3506A thru MT3516A
www.
May.26, 2011
1
smsemi.com
Glass Passivated Three
Phase Bridge Rectifiers
VRRM 600 to 1600V
IFAV
35 Amp
Features
High thermal conductivity
packge,electrically insulated case
Centre hole fixing
Glass passivated chips
High IFSM
Epoxy compound has classification
UL94V-0
Circuit
Applications
Big power supplier
Field supply for DC motor
Module Type
TYPE
VRRM
VRSM
MT3506A
MT3508A
MT3510A
MT3512A
MT3514A
MT3516A
600V
800V
1000V
1200V
1400V
1600V
700V
900V
1100V
1300V
1500V
1700V
Maximum Ratings
Symbol
Item
Conditions
Values
Units
IO
Average forward output current
Tc=78℃
35
A
IFSM
Forward surge current, max.
t=8.3ms Single Half-Sine-Wave
Superimposed On Rated Load
(JEDEC METHOD)
450
A
i
2t
Value for fusing
t=8.3mS VR=0
840
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min Tj=25℃
2500
V
Tvj
Operating Junction Temperature
-55 to +150
Tstg
Storage Temperature
-55 to +150
Mt
Mounting Torque
2
N.m
Weight
Bridge(Approximately)
21
g
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Junction to Case
Bridge
0.9
℃/W
Electrical Characteristics
Values
Symbol
Item
Conditions
Min.
Typ.
Max.
Units
VFM
Forward Voltage Drop, max.
T=25℃ IF =17.5A
1.00
1.20
V
IRD
Maximum DC Reverse
Tvj =25℃ VRD=VRRM
Tvj =150℃ VRD=VRRM
5.0
2.0
uA
mA


Similar Part No. - MT3506A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT3506A YANGJIE-MT3506A Datasheet
157Kb / 4P
   Three Phase Bridge Rectifiers
MT3506A YANGJIE-MT3506A Datasheet
98Kb / 2P
   Bridge Rectifier
logo
Micro Commercial Compon...
MT3506A MCC-MT3506A Datasheet
513Kb / 3P
   35 Amp Three Phase Bridge Rectifier 400 to 1600 Volts
logo
RFE international
MT3506A RFE-MT3506A Datasheet
2Mb / 3P
   Three Phase Bridge Rectifiers
12-16-2022
More results

Similar Description - MT3506A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT5006A ETC2-MT5006A Datasheet
262Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MSDP50 ETC2-MSDP50 Datasheet
124Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT2506W ETC2-MT2506W Datasheet
177Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
3GBJ3508 ETC2-3GBJ3508 Datasheet
333Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT5006 ETC2-MT5006 Datasheet
180Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3506W ETC2-MT3506W Datasheet
374Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT5006W ETC2-MT5006W Datasheet
399Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3506 ETC2-MT3506 Datasheet
206Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SBR25A CHENG-YI-SBR25A Datasheet
187Kb / 2P
   SILICON / GLASS PASSIVATED THREE PHASE BRIDGE RECTIFIERS
logo
Jiangsu APT Semiconduct...
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com