Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT157DTQB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT157DTQB
Description  FAST CMOS QUAD 2-INPUT MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT157DTQB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT157DTQB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT157DTQB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT157DTQB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT157DTQB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT157DTQB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT157DTQB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT157DTQB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IDT54/74FCT157T/AT/CT/DT, IDT54/74FCT257T/AT/CT/DT - 2257T/AT/CT
FAST CMOS QUAD 2-INPUT MULTIPLEXER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.6
7
ORDERING INFORMATION
2537 drw 09
X
Package
X
Process
Blank
B
Commercial
MIL-STD-883, Class B
P
D
SO
L
E
Q
Plastic DIP
CERDIP
Small Outline IC
Leadless Chip Carrier
CERPACK
Quarter-size Small Outline Package
157T
257T
157AT
257AT
157CT
257CT
157DT
257DT
Quad 2-Input Multiplexer
Quad 2-Input Multiplexer (3-state)
XXXX
Device
Type
–55
°C to +125°C
0
°C to +70°C
54
74
XX
Temperature
Range
FCT
IDT
High Drive
Balanced Drive
Blank
2
X
Family


Similar Part No. - IDT54FCT157DTQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT151AT IDT-IDT54FCT151AT Datasheet
117Kb / 6P
   FAST CMOS 8-INPUT MULTIPLEXER
IDT54FCT151ATD IDT-IDT54FCT151ATD Datasheet
117Kb / 6P
   FAST CMOS 8-INPUT MULTIPLEXER
IDT54FCT151ATDB IDT-IDT54FCT151ATDB Datasheet
117Kb / 6P
   FAST CMOS 8-INPUT MULTIPLEXER
IDT54FCT151ATE IDT-IDT54FCT151ATE Datasheet
117Kb / 6P
   FAST CMOS 8-INPUT MULTIPLEXER
IDT54FCT151ATEB IDT-IDT54FCT151ATEB Datasheet
117Kb / 6P
   FAST CMOS 8-INPUT MULTIPLEXER
More results

Similar Description - IDT54FCT157DTQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT257T IDT-IDT54FCT257T Datasheet
73Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Pericom Semiconductor C...
PI74FCT157T PERICOM-PI74FCT157T Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
logo
Renesas Technology Corp
IDT74FCT157AT RENESAS-IDT74FCT157AT Datasheet
276Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
logo
Integrated Device Techn...
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Renesas Technology Corp
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com