Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC54 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320VC54
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC54 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320VC54 Datasheet HTML 2Page - Texas Instruments TMS320VC54 Datasheet HTML 3Page - Texas Instruments TMS320VC54 Datasheet HTML 4Page - Texas Instruments TMS320VC54 Datasheet HTML 5Page - Texas Instruments TMS320VC54 Datasheet HTML 6Page - Texas Instruments TMS320VC54 Datasheet HTML 7Page - Texas Instruments TMS320VC54 Datasheet HTML 8Page - Texas Instruments TMS320VC54 Datasheet HTML 9Page - Texas Instruments TMS320VC54 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
VSS
A10
A11
A12
A13
A14
A15
CVDD
VSS
CVDD
READY
PS
DS
IS
R/W
MSTRB
IOSTRB
MSC
XF
HOLDA
HOLD
BIO
MP/MC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
VSS
TMS320LC543
PZ PACKAGE†
(TOP VIEW)
IAQ
D5
D4
D3
D2
D1
D0
RS
X2/CLKIN
X1
VSS
CVDD
VSS
TMS
TCK
TRST
TDI
TDO
EMU1/OFF
EMU0
TOUT
CLKMD3
CLKMD2
CLKMD1
CLKOUT
CNT
† DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU, and VSS is the ground for both the I/O pins and the
core CPU.
The ’54x signal descriptions table lists each terminal name, function, and operating mode(s) for the
TMS320LC543PZ (100-pin TQFP package).
For the ’LC543 (100-pin TQFP package), the letter B in front of CLKR, FSR, DR, CLKX, FSX, and DX denotes
buffered serial port (BSP). The letter T in front of CLKR, FSR, DR, CLKX, FSX, and DX denotes time-division
multiplexed (TDM) serial port.


Similar Part No. - TMS320VC54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5401 TI-TMS320VC5401 Datasheet
700Kb / 81P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5401GGU50 TI1-TMS320VC5401GGU50 Datasheet
686Kb / 85P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5401PGE50 TI1-TMS320VC5401PGE50 Datasheet
686Kb / 85P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5401ZGU50 TI1-TMS320VC5401ZGU50 Datasheet
686Kb / 85P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5402 TI-TMS320VC5402 Datasheet
948Kb / 68P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320VC54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com