Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82C86 Datasheet(PDF) 4 Page - Intersil Corporation

Part # 82C86
Description  CMOS Octal Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C86 Datasheet(HTML) 4 Page - Intersil Corporation

  82C86 Datasheet HTML 1Page - Intersil Corporation 82C86 Datasheet HTML 2Page - Intersil Corporation 82C86 Datasheet HTML 3Page - Intersil Corporation 82C86 Datasheet HTML 4Page - Intersil Corporation 82C86 Datasheet HTML 5Page - Intersil Corporation 82C86 Datasheet HTML 6Page - Intersil Corporation 82C86 Datasheet HTML 7Page - Intersil Corporation 82C86 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-320
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C86H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
I82C86H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
M82C86H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
70
16
CLCC Package . . . . . . . . . . . . . . . . . .
80
20
PDIP Package . . . . . . . . . . . . . . . . . . .
75
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
75
N/A
Maximum Storage Temperature Range . . . . . . . . . -65oC to +150oC
Maximum Junction Temperature Hermetic Package . . . . . . . +175oC
Maximum Junction Temperature Plastic Package . . . . . . . . . +150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300oC
(PLCC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 265 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = 5.0V ± 10%; TA = 0oC to +70oC (C82C86H);
TA = -40
oC to +85oC (I82C86H);
TA = -55
oC to +125oC (M82C86H)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One
2.0
-
V
C82C86H, I82C86H
Input Voltage
2.2
V
M82C86H (Note 1)
VIL
Logical Zero Input Voltage
-
0.8
V
VOH
Logical One Output Voltage
B Outputs
3.0
V
IOH = -8mA
A Outputs
3.0
V
IOH = -4mA
A or B Outputs
VCC -0.4
V
IOH = -100µA
VOL
Logical Zero Output Voltage
B Outputs
0.45
V
IOL = 20mA
A Outputs
0.45
V
IOL = 12mA
II
Input Leakage Current
-10.0
10.0
µAV
IN = GND or VCC DIP Pins 9, 11
IO
Output Leakage Current
-10.0
10.0
µA
VO = GND or VCC, OE ≥ VCC -0.5V
DIP Pins 1 - 8, 12 - 19
ICCSB
Standby Power Supply
Current
-10
µAV
IN = VCC or GND, VCC = 5.5V, Outputs Open
ICCOP
Operating Power Supply
Current
-
1
mA/MHz
TA = +25
oC, Typical (See Note 2)
NOTES:
1. VIH is measured by applying a pulse of magnitude = VIH(MIN) to one data input at a time and checking the corresponding device output for
a valid logical “1” during valid input high time. Control pins (T, OE) are tested separately with all device data input pins at VCC -0.4
2. Typical ICCOP = 1mA/MHz of read/ cycle time. (Example: 1.0
µs read/write cycle time = 1mA).
Capacitance
TA = +25
oC
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
B Inputs
18
pF
Freq = 1MHz, all measurements are
referenced to device GND
A Inputs
14
pF
82C86H
82C86H


Similar Part No. - 82C86

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
   FireLink USB Dual Controller Quad Port USB
logo
Intersil Corporation
82C86H INTERSIL-82C86H Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
More results

Similar Description - 82C86

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com