Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCD0624D24 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCD0624D24
Description  2 1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCD0624D24 Datasheet(HTML) 2 Page - XP Power Limited

  JCD0624D24 Datasheet HTML 1Page - XP Power Limited JCD0624D24 Datasheet HTML 2Page - XP Power Limited JCD0624D24 Datasheet HTML 3Page - XP Power Limited JCD0624D24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Application Notes
JCD04
Models and Ratings
Derating Curve
Notes
Notes
1. When one output is set at 100% load and the other varies between 25% & 100% load.
2. Measured with 20 MHz bandwidth and 1 µF ceramic capacitor across output rails.
3. Input current specified at nominal 5 V, 12 V, 24 V or 48 V input.
4. For optional 3500 VDC isolation add suffix -H to part number e.g.
JCD0424S12-H
Mechanical Details
Input Voltage
Output
Voltage
Output
Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model Number
No Load
Full Load
4.5-9 VDC
3.3 V
1200 mA
25 mA
1084 mA
3300 µF
73%
JCD0405S3V3
5.0 V
800 mA
25 mA
1026 mA
1000 µF
78%
JCD0405S05
12.0 V
333 mA
30 mA
974 mA
220 µF
82%
JCD0405S12
15.0 V
266 mA
30 mA
973 mA
100 µF
82%
JCD0405S15
±3.3 V
±600 mA
25 mA
1042 mA
±680 µF
76%
JCD0405D03
±5.0 V
±400 mA
30 mA
1012 mA
±470 µF
79%
JCD0405D05
±12.0 V
±166 mA
35 mA
963 mA
±100 µF
83%
JCD0405D12
±15.0 V
±133 mA
40 mA
985 mA
±47 µF
81%
JCD0405D15
9-18 VDC
3.3 V
1200 mA
30 mA
445 mA
680 µF
74%
JCD0412S3V3
5.0 V
800 mA
30 mA
427 mA
1000 µF
78%
JCD0412S05
9.0 V
444 mA
30 mA
416 mA
470 µF
80%
JCD0412S09
12.0 V
333 mA
30 mA
406 mA
100 µF
82%
JCD0412S12
15.0 V
266 mA
30 mA
401 mA
100 µF
83%
JCD0412S15
24.0 V
166 mA
30 mA
406 mA
22 µF
82%
JCD0412S24
±3.3 V
±600 mA
30 mA
438 mA
±680 µF
76%
JCD0412D03
±5.0 V
±400 mA
30 mA
427 mA
±470 µF
78%
JCD0412D05
±9.0 V
±220 mA
30 mA
416 mA
±220 µF
80%
JCD0412D09
±12.0 V
±166 mA
30 mA
427 mA
±47 µF
78%
JCD0412D12
±15.0 V
±133 mA
30 mA
416 mA
±150 µF
80%
JCD0412D15
±24.0 V
±83 mA
30 mA
416 mA
±10 µF
80%
JCD0412D24
18-36 VDC
3.3 V
1200 mA
20 mA
216 mA
1000 µF
77%
JCD0424S3V3
5.0 V
800 mA
20 mA
208 mA
1000 µF
80%
JCD0424S05
9.0 V
444 mA
20 mA
203 mA
470 µF
82%
JCD0424S09
12.0 V
333 mA
20 mA
198 mA
330 µF
84%
JCD0424S12
15.0 V
266 mA
20 mA
203 mA
330 µF
82%
JCD0424S15
24.0 V
166 mA
20 mA
200 mA
1000 µF
83%
JCD0424S24
±3.3 V
±600 mA
20 mA
216 mA
±1000 µF
77%
JCD0424D03
±5.0 V
±400 mA
20 mA
208 mA
±330 µF
80%
JCD0424D05
±9.0 V
±220 mA
20 mA
200 mA
±220 µF
83%
JCD0424D09
±12.0 V
±166 mA
20 mA
200 mA
±68 µF
83%
JCD0424D12
±15.0 V
±133 mA
20 mA
203 mA
±220 µF
82%
JCD0424D15
±24.0 V
±83 mA
20 mA
210 mA
±47 µF
79%
JCD0424D24
36-72 VDC
3.3 V
1200 mA
15 mA
108 mA
1000 µF
76%
JCD0448S3V3
5.0 V
800 mA
15 mA
104 mA
1000 µF
80%
JCD0448S05
9.0 V
444 mA
15 mA
100 mA
470 µF
83%
JCD0448S09
12.0 V
333 mA
15 mA
99 mA
330 µF
84%
JCD0448S12
15.0 V
266 mA
15 mA
102 mA
68 µF
81%
JCD0448S15
24.0 V
166 mA
15 mA
98 mA
68 µF
85%
JCD0448S24
±3.3 V
±600 mA
15 mA
109 mA
±1000 µF
76%
JCD0448D03
±5.0 V
±400 mA
15 mA
104 mA
±470 µF
80%
JCD0448D05
±9.0 V
±220 mA
15 mA
100 mA
±220 µF
83%
JCD0448D09
±12.0 V
±166 mA
15 mA
100 mA
±220 µF
83%
JCD0448D12
±15.0 V
±133 mA
15 mA
100 mA
±47 µF
83%
JCD0448D15
±24.0 V
±83 mA
15 mA
105 mA
±100 µF
79%
JCD0448D24
Bottom View
1.25
(31.75)
0.90
(22.86)
0.80
(20.32)
0.60
(15.24)
DIA
0.02
(0.50)
0.10
(2.54)
0.20
(5.08)
23
22
16 14
23
9
11
0.40 (10.40)
0.12 (3.00) Min.
Input Filter
1. All dimensions are in inches (mm)
2. Weight: 0.04 lbs (18 g) approx.
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.005)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
6. Package: 24 pin DIL nickel-coated copper
Pin
Single
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
N.C.
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
-40
-20
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
Ambient Temperature (ºC)
0
12, 24 & 48 V input
5 V input
DC/DC
Converter
+Vin
+Vout
LOAD
220 µF
+
-
12 µH
-Vin
-Vout


Similar Part No. - JCD0624D24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0624D24 XPPOWER-JCD0624D24 Datasheet
105Kb / 2P
   Industry Standard Package
More results

Similar Description - JCD0624D24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SF_JCK15 XPPOWER-SF_JCK15 Datasheet
287Kb / 2P
   2:1 Input Range
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
   2 1 Input Range
JCK3024S05 XPPOWER-JCK3024S05 Datasheet
82Kb / 2P
   2 1 Input Range
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
logo
Wall Industries,Inc.
DCHF100W WALL-DCHF100W Datasheet
191Kb / 4P
   2:1 Input Voltage Range
DCHF600W WALL-DCHF600W Datasheet
150Kb / 4P
   2:1 Input Voltage Range
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com