Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP82C87H Datasheet(PDF) 1 Page - Intersil Corporation

Part # IP82C87H
Description  CMOS Octal Inverting Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP82C87H Datasheet(HTML) 1 Page - Intersil Corporation

  IP82C87H Datasheet HTML 1Page - Intersil Corporation IP82C87H Datasheet HTML 2Page - Intersil Corporation IP82C87H Datasheet HTML 3Page - Intersil Corporation IP82C87H Datasheet HTML 4Page - Intersil Corporation IP82C87H Datasheet HTML 5Page - Intersil Corporation IP82C87H Datasheet HTML 6Page - Intersil Corporation IP82C87H Datasheet HTML 7Page - Intersil Corporation IP82C87H Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-325
82C87H
CMOS Octal Inverting Bus Transceiver
File Number
2978.1
March 1997
Features
• Full Eight Bit Bi-Directional Bus Interface
• Industry Standard 8287 Compatible Pinout
• High Drive Capability
- B Side IOL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
- A Side IOL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mA
• Three-State Inverting Outputs
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 35ns Max.
• Gated Inputs
- Reduce Operating Power
- Eliminate the Need for Pull-Up Resistors
• Single 5V Power Supply
• Low Power Operation . . . . . . . . . . . . . . . ICCSB = 10
µA
• Operating Temperature Range
- C82C87H . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
- I82C87H . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- M82C87H . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Description
The Intersil 82C87H is a high performance CMOS Octal
Transceiver manufactured using a self-aligned silicon gate
CMOS process (Scaled SAJI IV). The 82C87H provides a full
eight-bit bi-directional bus interface in a 20 pin package. The
Transmit (T) control determines the data direction. The active
low output enable (OE) permits simple interface to the
80C86, 80C88 and other microprocessors. The 82C87H has
gated inputs, eliminating the need for pull-up/pull-down resis-
tors and reducing overall system operating power dissipation.
The 82C87H provides inverted data at the outputs.
Ordering Information
PART NUMBERS
PACK-
AGE
TEMP.
RANGE
PKG.
NO.
5MHz
8MHz
CP82C87H-5
CP82C87H
20 Ld
PDIP
0oC to +70oC
E20.3
IP82C87H-5
IP82C87H
-40oC to +85oC E20.3
CS82C87H-5
CS82C87H
20 Ld
PLCC
0oC to +70oC
N20.35
IS82C87H-5
IS82C87H
-40oC to +85oC N20.35
CD82C87H-5
CD82C87H 20 Ld
CERDIP
0oC to +70oC
F20.3
ID82C87H-5
ID82C87H
-40oC to +85oC F20.3
MD82C87H-5/B
-
-55oC to
+125oC
F20.3
5962-
8757702RA
-
SMD #
F20.3
MR82C87H-5/B
-
20 Pad
CLCC
-55oC to
+125oC
J20.A
5962-
87577022A
-
SMD #
J20.A
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - IP82C87H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IP82C87H-5 RENESAS-IP82C87H-5 Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
More results

Similar Description - IP82C87H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
NXP Semiconductors
74F620 PHILIPS-74F620 Datasheet
96Kb / 12P
   Octal bus transceiver, inverting 3tate
1989 Apr 06
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com