Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS125MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACS125MS
Description  Radiation Hardened Quad Buffer, Three-State
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS125MS Datasheet(HTML) 3 Page - Intersil Corporation

  ACS125MS Datasheet HTML 1Page - Intersil Corporation ACS125MS Datasheet HTML 2Page - Intersil Corporation ACS125MS Datasheet HTML 3Page - Intersil Corporation ACS125MS Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ACS125MS
Die Characteristics
DIE DIMENSIONS:
88 mils x 88 mils
2.24mm x 2.24mm
METALLIZATION:
Type: AlSi
Metal 1 Thickness: 7.125k
Å
±1.125kÅ
Metal 2 Thickness: 9k
Å
±1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105 A/cm2
BOND PAD SIZE:
> 4.3 mils x 4.3 mils
> 110
µm x 110µm
Metallization Mask Layout
ACS125MS
OE1
A1
(12) A4
NC
Y1 (3)
(11) Y4
(10) OE3
OE2 (4)
NC
A2 (5)
(2)
(1)
OE4
VCC
(14)
(13)
Y3
(8)
A3
(9)
GND
(7)
Y2
(6)
Spec Number
518817


Similar Part No. - ACS125MS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS120 STMICROELECTRONICS-ACS120 Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
   AC LINE SWITCH
logo
Kersemi Electronic Co.,...
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
   AC LINE SWITCH
logo
STMicroelectronics
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
ACS120-7SB-TR STMICROELECTRONICS-ACS120-7SB-TR Datasheet
119Kb / 11P
   AC LINE SWITCH
More results

Similar Description - ACS125MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS125MS INTERSIL-HCS125MS Datasheet
93Kb / 9P
   Radiation Hardened Quad Buffer, Three-State
September 1995
ACTS125MS INTERSIL-ACTS125MS Datasheet
42Kb / 4P
   Radiation Hardened Quad Buffer, Three-State
January 1996
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
   Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com