Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-85528012A Datasheet(PDF) 11 Page - Intersil Corporation

Part # 5962-85528012A
Description  CMOS Bus Arbiter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-85528012A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 5962-85528012A Datasheet HTML 7Page - Intersil Corporation 5962-85528012A Datasheet HTML 8Page - Intersil Corporation 5962-85528012A Datasheet HTML 9Page - Intersil Corporation 5962-85528012A Datasheet HTML 10Page - Intersil Corporation 5962-85528012A Datasheet HTML 11Page - Intersil Corporation 5962-85528012A Datasheet HTML 12Page - Intersil Corporation 5962-85528012A Datasheet HTML 13Page - Intersil Corporation 5962-85528012A Datasheet HTML 14Page - Intersil Corporation 5962-85528012A Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
4-353
AC Electrical Specifications VCC = 5.0V ± 10%; GND = 0V:
TA = 0
oC to +70oC (C82C89);
TA = -40
oC to +85oC (I82C89);
TA = -55
oC to +125oC (M82C89)
SYMBOL
PARAMETER
MIN
MAX
UNIT
TEST CONDITIONS
(1)
TCLCL
CLK Cycle Period
125
-
ns
Note 3
(2)
TCLCH
CLK Low Time
55
-
ns
Note 3
(3)
TCHCL
CLK High Time
35
-
ns
Note 3
(4)
TSVCH
Status Active Setup
65
TCLCL-10
ns
Note 3
(5)
TSHCL
Status Inactive Setup
50
TCLCL-10
ns
Note 3
(6)
THVCH
Status Inactive Hold
10
-
ns
Note 3
(7)
THVCL
Status Active Hold
10
-
ns
Note 3
(8)
TBYSBL
BUSY
↓↑ Setup to BCLK↓
20
-
ns
Note 3
(9)
TCBSBL
CBRQ
↓↑ Setup to BCLK↓
20
-
ns
Note 3
(10)
TBLBL
BCLK Cycle Time
100
-
ns
Note 3
(11)
TBHCL
BCLK High Time
30
0.65
(TBLBL)
ns
Note 3
(12)
TCLLL1
LOCK Inactive Hold
10
-
ns
Note 3
(13)
TCLLL2
LOCK Active Setup
40
-
ns
Note 3
(14)
TPNBL
BPRN
↓↑ to BCLK Setup Time
20
-
ns
Note 3
(15)
TCLSR1
SYSB/RESB Setup
0
-
ns
Note 3
(16)
TCLSR2
SYSB/RESB Hold
30
-
ns
Note 3
(17)
TIVIH
Initialization Pulse Width
675
-
ns
Note 3
(18)
TBLBRL
BCLK to BREQ Delay
↓↑
-
35
ns
Note 3
(19)
TBLPOH
BCLK to BPRO
↓↑
-
35
ns
Note 1 and 3
(20)
TPNPO
BPRN
↓↑ to BPRO↓↑ Delay
-
22
ns
Note 1 and 3
(21)
TBLBYL
BCLK to BUSY Low
-
60
ns
Note 3
(22)
TBLBYH
BCLK to BUSY Float
-
35
ns
Note 2 and 3
(23)
TCLAEH
CLK to AEN High
-
65
ns
Note 3
(24)
TBLAEL
BCLK to AEN Low
-
40
ns
Note 3
(25)
TBLCBL
BCLK to CBRQ Low
-
60
ns
Note 3
(26)
TBLCBH
BCLK to CBRQ Float
-
40
ns
Note 2 and 3
(27)
TOLOH
Output Rise Time
-
20
ns
From 0.8V to 2.0V, Note 4
(28)
TOHOL
Output Fall Time
-
12
ns
From 2.0V to 0.8V, Note 4
(29)
TILIH
Input Rise Time
-
20
ns
From 0.8V to 2.0V
(30)
TIHIL
Input Fall Time
-
20
ns
From 2.0V to 0.8V
NOTES:
1. BCLK generates the first BPRO wherein subsequent BPRO changes lower in the chain are generated through BPRON.
2. Measured at 0.5V above GND.
3. All AC parameters tested as per AC test load circuits. Input rise and fall times are driven at 1ns/V.
4. Except BUSY and CBRQ
82C89


Similar Part No. - 5962-85528012A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
5962-8552301Q AMD-5962-8552301Q Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
5962-8552301XX AMD-5962-8552301XX Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
More results

Similar Description - 5962-85528012A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
   CMOS Bus Arbiter
logo
Intersil Corporation
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
   CMOS Bus Arbiter
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Actel Corporation
EP300 ACTEL-EP300 Datasheet
74Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
NXP Semiconductors
74F786 PHILIPS-74F786 Datasheet
95Kb / 12P
   4-bit asynchronous bus arbiter
1991 Feb 14
logo
Siemens Semiconductor G...
SAB82289 SIEMENS-SAB82289 Datasheet
949Kb / 34P
   Bus Arbiter for SAB80286 Processors
logo
Analog Microelectronics
AT123S AME-AT123S Datasheet
41Kb / 5P
   PCI Arbiter
logo
Xilinx, Inc
DS495 XILINX-DS495 Datasheet
625Kb / 12P
   PCI Arbiter
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
   CMOS Bus Controller
logo
Actel Corporation
A54SX16-2 ACTEL-A54SX16-2 Datasheet
75Kb / 4P
   PCI Arbiter Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com