Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82C84 Datasheet(PDF) 6 Page - Intersil Corporation

Part # 82C84
Description  CMOS Clock Generator Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C84 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button 82C84 Datasheet HTML 2Page - Intersil Corporation 82C84 Datasheet HTML 3Page - Intersil Corporation 82C84 Datasheet HTML 4Page - Intersil Corporation 82C84 Datasheet HTML 5Page - Intersil Corporation 82C84 Datasheet HTML 6Page - Intersil Corporation 82C84 Datasheet HTML 7Page - Intersil Corporation 82C84 Datasheet HTML 8Page - Intersil Corporation 82C84 Datasheet HTML 9Page - Intersil Corporation 82C84 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-292
AC Electrical Specifications VCC = +5V± 10%,
TA = 0
oC to +70oC (C82C84A),
TA = -40
oC to +85oC (I82C84A),
TA = -55
oC to +125oC (M82C84A)
SYMBOL
PARAMETER
LIMITS
UNITS
(NOTE 1)
TEST
CONDITIONS
MIN
MAX
TIMING REQUIREMENTS
(1)
TEHEL
External Frequency HIGH Time
13
-
ns
90%-90% VIN
(2)
TELEH
External Frequency LOW Time
13
-
ns
10%-10% VIN
(3)
TELEL
EFI Period
36
-
ns
XTAL Frequency
2.4
25
MHz
Note 2
(4)
TR2VCL
RDY1, RDY2 Active Setup to CLK
35
-
ns
ASYNC = HIGH
(5)
TR1VCH
RDY1, RDY2 Active Setup to CLK
35
-
ns
ASYNC = LOW
(6)
TR1VCL
RDY1, RDY2 Inactive Setup to CLK
35
-
ns
(7)
TCLR1X
RDY1, RDY2 Hold to CLK
0
-
ns
(8)
TAYVCL
ASYNC Setup to CLK
50
-
ns
(9)
TCLAYX
ASYNC Hold to CLK
0
-
ns
(10)
TA1VR1V
AEN1, AEN2 Setup to RDY1, RDY2
15
-
ns
(11)
TCLA1X
AEN1, AEN2 Hold to CLK
0
-
ns
(12)
TYHEH
CSYNC Setup to EFI
20
-
ns
(13)
TEHYL
CSYNC Hold to EFI
20
-
ns
(14)
TYHYL
CSYNC Width
2 TELEL
-
ns
(15)
TI1HCL
RES Setup to CLK
65
-
ns
Note 3
(16)
TCLI1H
RES Hold to CLK
20
-
ns
Note 3
TIMING RESPONSES
(17)
TCLCL
CLK Cycle Period
125
-
ns
Note 6
(18)
TCHCL
CLK HIGH Time
(1/3 TCLCL) +2.0
-
ns
Note 6
(19)
TCLCH
CLK LOW Time
(2/3 TCLCL) -15.0
-
ns
Note 6
(20)
(21)
TCH1CH2
TCL2CL1
CLK Rise or Fall Time
-
10
ns
1.0V to 3.0V
(22)
TPHPL
PCLK HIGH Time
TCLCL-20
-
ns
Note 6
(23)
TPLPH
PCLK LOW Time
TCLCL-20
-
ns
Note 6
(24)
TRYLCL
Ready Inactive to CLK (See Note 4)
-8
-
ns
Note 4
(25)
TRYHCH
Ready Active to CLK (See Note 3)
(2/3 TCLCL) -15.0
-
ns
Note 5
(26)
TCLIL
CLK to Reset Delay
-
40
ns
(27)
TCLPH
CLK to PCLK HIGH Delay
-
22
ns
(28)
TCLPL
CLK to PCLK LOW Delay
-
22
ns
(29)
TOLCH
OSC to CLK HIGH Delay
-5
22
ns
(30)
TOLCL
OSC to CLK LOW Delay
2
35
ns
NOTES:
1. Tested as follows: f = 2.4MHz, VIH = 2.6V, VIL = 0.4V, CL = 50pF, VOH ≥ 1.5V, VOL ≤ 1.5V, unless otherwise specified. RES and F/C must
switch between 0.4V and VCC -0.4V. Input rise and fall times driven at 1ns/V. VIL ≤ VIL (max) - 0.4V for CSYNC pin. VCC = 4.5V and 5.5V.
2. Tested using EFI or X1 input pin.
3. Setup and hold necessary only to guarantee recognition at next clock.
4. Applies only to T2 states.
5. Applies only to T3 TW states.
6. Tested with EFI input frequency = 4.2MHz.
82C84A


Similar Part No. - 82C84

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
More results

Similar Description - 82C84

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
   CMOS CLOCK GENERATOR & DRIVER
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
logo
Panasonic Semiconductor
MN3101 PANASONIC-MN3101 Datasheet
158Kb / 4P
   CLOCK GENERATOR/DRIVER CMOS LSI FOR BBD
logo
NTE Electronics
NTE1639 NTE-NTE1639 Datasheet
32Kb / 4P
   Integrated Circuit CMOS Clock Generator/Driver for BBDs
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
   CLOCK GENERATOR AND DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com