Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7247A Datasheet(PDF) 9 Page - Analog Devices

Part # AD7247A
Description  LC MOS Dual 12-Bit DACPORTs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7247A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7247A_15 Datasheet HTML 4Page - Analog Devices AD7247A_15 Datasheet HTML 5Page - Analog Devices AD7247A_15 Datasheet HTML 6Page - Analog Devices AD7247A_15 Datasheet HTML 7Page - Analog Devices AD7247A_15 Datasheet HTML 8Page - Analog Devices AD7247A_15 Datasheet HTML 9Page - Analog Devices AD7247A_15 Datasheet HTML 10Page - Analog Devices AD7247A_15 Datasheet HTML 11Page - Analog Devices AD7247A_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7237A/AD7247A
REV. 0
–9–
Figure 6. AD7237A Input Control Logic
Table II. AD7237A Truth Table
CS WR
A1 A0 LDAC Function
1
X
X X 1
No Data Transfer
X
1
X X 1
No Data Transfer
0
0
0
0
1
DAC A LS Input Latch Transparent
0
0
0
1
1
DAC A MS Input Latch Transparent
0
0
1
0
1
DAC B LS Input Latch Transparent
0
0
1
1
1
DAC B MS Input Latch Transparent
1
1
X X 0
DAC A and DAC B DAC Latches
Updated Simultaneously from the
Respective Input Latches
X = Don’t Care.
However, care must be taken while exercising LDAC during a
write cycle. If an LDAC operation overlaps a CS and WR op-
eration, there is a possibility of invalid data being latched to the
output. To avoid this, LDAC must remain low after CS or WR
return high for a period equal to or greater than t8, the mini-
mum LDAC pulse width.
Figure 7. AD7237A Write Cycle Timing Diagram
Table I. AD7247A Truth Table
CSA
CSB
WR
Function
X
X
1
No Data Transfer
1
1
X
No Data Transfer
0
1
0
DAC A Latch Transparent
1
0
0
DAC B Latch Transparent
0
0
0
Both DAC Latches Transparent
X = Don’t Care
INTERFACE LOGIC INFORMATION—AD7237A
The input loading structure on the AD7237A is configured for
interfacing to microprocessors with an 8-bit-wide data bus. The
part contains two 12-bit latches per DAC—an input latch and a
DAC latch. Each input latch is further subdivided into a least
significant 8-bit latch and a most significant 4-bit latch. Only
the data held in the DAC latches determines the outputs from
the part. The input control logic for the AD7237A is shown in
Figure 6, while the write cycle timing diagram is shown in
Figure 7.
CS
, WR, A0 and A1 control the loading of data to the input
latches. The eight data inputs accept right-justified data. Data
can be loaded to the input latches in any sequence. Provided
that LDAC is held high, there is no analog output change as a
result of loading data to the input latches. Address lines A0 and
A1 determine which latch data is loaded to when CS and WR
are low. The selection of the input latches is shown in the truth
table for AD7237A operation in Table II.
The LDAC input controls the transfer of 12-bit data from the
input latches to the DAC latches. Both DAC latches, and hence
both analog outputs, are updated at the same time. The LDAC
signal is level triggered, and data is latched into the DAC latch
on the rising edge of LDAC. The LDAC input is asynchronous
and independent of WR. This is useful in many applications
especially in the simultaneous updating of multiple AD7237As.


Similar Part No. - AD7247A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7247AAN AD-AD7247AAN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7247AAR AD-AD7247AAR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247ABN AD-AD7247ABN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
More results

Similar Description - AD7247A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com