Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R113 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # R113
Description  BOARD TO BOARD SOLUTIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R113 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button R113 Datasheet HTML 2Page - List of Unclassifed Manufacturers R113 Datasheet HTML 3Page - List of Unclassifed Manufacturers R113 Datasheet HTML 4Page - List of Unclassifed Manufacturers R113 Datasheet HTML 5Page - List of Unclassifed Manufacturers R113 Datasheet HTML 6Page - List of Unclassifed Manufacturers R113 Datasheet HTML 7Page - List of Unclassifed Manufacturers R113 Datasheet HTML 8Page - List of Unclassifed Manufacturers R113 Datasheet HTML 9Page - List of Unclassifed Manufacturers R113 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.radiall.com
4-6
• Space saving
Its small space requirement is a main advantage
for applications such as board to board connections
as the height is only 7 mm.
INTRODUCTION
Series Range
Receptacles and in-series adapters can be either sold separately or with the in-series adapter already inserted in the
receptacle. In this case, assembly time will be reduced and you will be sure that the in-series adapter is properly inserted,
as it has to be assembled perpendicularly to the receptacle.
Retention between receptacle and in-series adapter is ensured by the design of the adapter.
- Slide-on/Snap-on: for board to board application, all in-series adapters remain on the same side during disconnection.
- Slide-on/Slide-on
In addition of PCB connectors and in-series adapters, Radiall offers you a wide range of products like straight plugs,
right angle plugs and between-series adapters.
+
Separately
Slide-on
Snap-on or Slide-on
Assembled
GENERAL
• Snap-on mating
• Microminiature coaxial connectors
• Robust
• Surface mount receptacles
• Fully compatible with automated pick and place machines
APPLICATIONS
• Board to board applications
• Base station
• High density packaging
The MMBXTM connector series is particularly suitable for board to board connection in new generation telecommunication
systems. MMBXTM connectors allow a quick connection in a minimum space requirement. Frequency range is DC to 12.4 GHz.
SMT connectors are totally compatible with pick and place machines.
50Ω
DC - 12.4 GHz


Similar Part No. - R113

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
List of Unclassifed Man...
R113081000 ETC2-R113081000 Datasheet
28Kb / 2P
   STRAIGHT PLUG CRIMP TYPE CABLE 2/50 S
R113082000 ETC2-R113082000 Datasheet
28Kb / 2P
   STRAIGHT PLUG CRIMP TYPE
logo
RICOH electronics devic...
R1130D151A-TR-FE RICOH-R1130D151A-TR-FE Datasheet
1Mb / 22P
   300mA LDO REGULATOR
R1130D151B-TR-FE RICOH-R1130D151B-TR-FE Datasheet
1Mb / 22P
   300mA LDO REGULATOR
More results

Similar Description - R113

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM3224C AZDISPLAYS-ATM3224C Datasheet
60Kb / 4P
   COMPLETE LCD SOLUTIONS - TFT Driver Board
logo
STMicroelectronics
AN2559 STMICROELECTRONICS-AN2559 Datasheet
997Kb / 35P
   System power supply board for digital solutions
logo
Adam Technologies, Inc.
BB8-SN-XXX-G-565 ADAM-TECH-BB8-SN-XXX-G-565 Datasheet
100Kb / 1P
   BOARD TO BOARD SOCKET
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
BB10-SA-031-T-33-TR ADAM-TECH-BB10-SA-031-T-33-TR Datasheet
86Kb / 1P
   BOARD TO BOARD SOCKET
BB5-SD-XX-G-NP ADAM-TECH-BB5-SD-XX-G-NP Datasheet
114Kb / 1P
   BOARD TO BOARD SOCKET
BB8-SEB-XX-G-330-TR ADAM-TECH-BB8-SEB-XX-G-330-TR Datasheet
96Kb / 1P
   BOARD TO BOARD PLUG
BB8-SEC-XX-G-400-TR ADAM-TECH-BB8-SEC-XX-G-400-TR Datasheet
87Kb / 1P
   BOARD TO BOARD PLUG
BB8-PEB-XX-G-480-TR ADAM-TECH-BB8-PEB-XX-G-480-TR Datasheet
88Kb / 1P
   BOARD TO BOARD PLUG
BB8-PN-XXX-G-405 ADAM-TECH-BB8-PN-XXX-G-405 Datasheet
105Kb / 1P
   BOARD TO BOARD PLUG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com