Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7011 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7011
Description  CMOS, ADC 4 DQPSK Baseband Transmit Port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7011 Datasheet(HTML) 4 Page - Analog Devices

  AD7011_15 Datasheet HTML 1Page - Analog Devices AD7011_15 Datasheet HTML 2Page - Analog Devices AD7011_15 Datasheet HTML 3Page - Analog Devices AD7011_15 Datasheet HTML 4Page - Analog Devices AD7011_15 Datasheet HTML 5Page - Analog Devices AD7011_15 Datasheet HTML 6Page - Analog Devices AD7011_15 Datasheet HTML 7Page - Analog Devices AD7011_15 Datasheet HTML 8Page - Analog Devices AD7011_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7011
REV. B
–4–
TRANSMIT SECTION TIMING
Parameter
Limit at TA = –40 C to +85 C
Units
Description
t4
10
ns min
Power Setup Time.
t1 – 10
ns max
t5
4097t1 + 70
ns max
MCLK rising edge, after Power high, to READY rising edge.
t6
10
ns min
BIN Setup Time.
t1 – 10
ns max
t7
t1 + 70
ns max
MCLK to READY propagation delay.
t8
3t1 + 70
ns
MCLK rising edge, after BIN high, to first TxCLK rising edge.
t9
64t1
ns
TxCLK Cycle Time.
t10
32t1
ns
TxCLK High Time.
t11
32t1
ns
TxCLK Low Time.
t12
50
ns min
TxCLK falling edge to TxDATA setup time.
t13
0
ns min
TxCLK falling edge to TxDATA hold time.
t14
3t1
ns max
BIN low setup to Last transmitted symbol after ramp down.
t15
124t1
ns max
BIN low hold to Last transmitted symbol after ramp down.
t16
7.5t9
ns
Ramp Down cycle time after the last transmitted symbol.
t17
30t1
ns max
Last TxCLK falling edge to READY rising edge.
t18
10
ns max
Digital Output Rise Time.
t19
10
ns max
Digital Output Fall Time.
MCLK
READY
BIN
TxCLK
TxDATA
Y
k
t
4
t
5
t
7
t
9
t
10
t
11
t
12
t
13
t
8
t
6
X
k
POWER
Figure 4. Transmit Timing at the Start of a Tx Burst
MCLK
READY
BIN
TxCLK
TxDATA
t
14
X
N+4
Y
N+4
X
N+5
Y
N+8
X
N+8
t
17
POWER
t
15
t
16
Figure 5. Transmit Timing at the End of a Tx Burst
(VAA = VDD = +5 V
10%; AGND = DGND = 0 V, fMCLK = 3.1104 MHz. All specifications are
TMIN to TMAX unless otherwise noted.)


Similar Part No. - AD7011_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7011ARS AD-AD7011ARS Datasheet
389Kb / 12P
   CMOS, ADC p/4 DQPSK Baseband Transmit Port
REV. B
More results

Similar Description - AD7011_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7011 AD-AD7011 Datasheet
389Kb / 12P
   CMOS, ADC p/4 DQPSK Baseband Transmit Port
REV. B
AD7010 AD-AD7010_15 Datasheet
170Kb / 8P
   CMOS JDC 4 DQPSK Baseband Transmit Port
REV. B
AD7010 AD-AD7010 Datasheet
249Kb / 8P
   CMOS JDC p/4 DQPSK Baseband Transmit Port
REV. B
AD7013 AD-AD7013_15 Datasheet
456Kb / 20P
   CMOS TIA IS-54 Baseband Receive Port
REV. A
AD7013 AD-AD7013 Datasheet
591Kb / 20P
   CMOS TIA IS-54 Baseband Receive Port
REV. A
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com