Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD82C84A Datasheet(PDF) 10 Page - Intersil Corporation

Part # MD82C84A
Description  CMOS Clock Generator Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MD82C84A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button MD82C84A Datasheet HTML 2Page - Intersil Corporation MD82C84A Datasheet HTML 3Page - Intersil Corporation MD82C84A Datasheet HTML 4Page - Intersil Corporation MD82C84A Datasheet HTML 5Page - Intersil Corporation MD82C84A Datasheet HTML 6Page - Intersil Corporation MD82C84A Datasheet HTML 7Page - Intersil Corporation MD82C84A Datasheet HTML 8Page - Intersil Corporation MD82C84A Datasheet HTML 9Page - Intersil Corporation MD82C84A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-296
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Die Characteristics
DIE DIMENSIONS:
66.1 x 70.5 x 19
± 1mils
METALLIZATION:
Type: Si - AI
Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
± 1kÅ
WORST CASE CURRENT DENSITY:
1.42 x 105 A/cm2
Metallization Mask Layout
82C84A
AEN1
PCLK
CSYNC
VCC
X1
RDY1
READY
RDY2
AEN2
CLK
GND
RESET
RES
OSC
X2
ASYNC
EFI
F/C
82C84A


Similar Part No. - MD82C84A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MD82C84A/B INTERSIL-MD82C84A/B Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
logo
Renesas Technology Corp
MD82C84A/B RENESAS-MD82C84A/B Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
More results

Similar Description - MD82C84A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
   CMOS CLOCK GENERATOR & DRIVER
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
logo
Panasonic Semiconductor
MN3101 PANASONIC-MN3101 Datasheet
158Kb / 4P
   CLOCK GENERATOR/DRIVER CMOS LSI FOR BBD
logo
NTE Electronics
NTE1639 NTE-NTE1639 Datasheet
32Kb / 4P
   Integrated Circuit CMOS Clock Generator/Driver for BBDs
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
   CLOCK GENERATOR AND DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com