Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS82C87H-5 Datasheet(PDF) 8 Page - Intersil Corporation

Part # IS82C87H-5
Description  CMOS Octal Inverting Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C87H-5 Datasheet(HTML) 8 Page - Intersil Corporation

  IS82C87H-5 Datasheet HTML 1Page - Intersil Corporation IS82C87H-5 Datasheet HTML 2Page - Intersil Corporation IS82C87H-5 Datasheet HTML 3Page - Intersil Corporation IS82C87H-5 Datasheet HTML 4Page - Intersil Corporation IS82C87H-5 Datasheet HTML 5Page - Intersil Corporation IS82C87H-5 Datasheet HTML 6Page - Intersil Corporation IS82C87H-5 Datasheet HTML 7Page - Intersil Corporation IS82C87H-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4-332
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
138.6 x 155.5 x 19
± 1mils
METALLIZATION:
Type: Si - Al
Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
± 1kÅ
WORST CASE CURRENT DENSITY:
1.47 x 105 A/cm2
Metallization Mask Layout
82C87H
A2
A1
A0
VCC
B0
B1
B2
B3
B4
B5
B6
B7
T
GND
OE
A7
A6
A5
A4
A3
82C87H
82C87H


Similar Part No. - IS82C87H-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IS82C87H-5 RENESAS-IS82C87H-5 Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
More results

Similar Description - IS82C87H-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
NXP Semiconductors
74F620 PHILIPS-74F620 Datasheet
96Kb / 12P
   Octal bus transceiver, inverting 3tate
1989 Apr 06
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com