Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS80C286-16 Datasheet(PDF) 6 Page - Intersil Corporation

Part # IS80C286-16
Description  High Performance Microprocessor with Memory Management and Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS80C286-16 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button IS80C286-16 Datasheet HTML 2Page - Intersil Corporation IS80C286-16 Datasheet HTML 3Page - Intersil Corporation IS80C286-16 Datasheet HTML 4Page - Intersil Corporation IS80C286-16 Datasheet HTML 5Page - Intersil Corporation IS80C286-16 Datasheet HTML 6Page - Intersil Corporation IS80C286-16 Datasheet HTML 7Page - Intersil Corporation IS80C286-16 Datasheet HTML 8Page - Intersil Corporation IS80C286-16 Datasheet HTML 9Page - Intersil Corporation IS80C286-16 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3-133
80C286/883
AC Electrical Specifications
82C284 and 82C288 Timing Specifications Are Given For Reference Only, And No Guarantee is
Implied.
82C284 Timing
SYMBOL
PARAMETER
10MHz
12.5MHz
UNIT
TEST CONDITION
MIN
MAX
MIN
MAX
TIMING REQUIREMENTS
11
SRDY/SRDYEN Setup Time
15
-
15
-
ns
12
SRDY/SRDYEN Hold Time
2
-
2
-
ns
13
ARDY/ARDYEN Setup Time
5
-
5
-
ns
(Note 1)
14
ARDY/ARDYEN Hold Time
30
-
25
-
ns
(Note 1)
TIMING RESPONSES
19
PCLK Delay
0
20
0
16
ns
CL = 75pF, IOL = 5mA,
IOH = -1mA
NOTE:
1. These times are given for testing purposes to ensure a predetermined action.
82C288 Timing
SYMBOL
PARAMETER
10MHz
12.5MHz
UNIT
TEST CONDITION
MIN
MAX
MIN
MAX
TIMING REQUIREMENTS
12
CMDLY Setup Time
15
-
15
-
ns
13
CMDLY Hold Time
1
-
1
-
ns
TIMING RESPONSES
16
ALE Active Delay
1
16
1
16
ns
17
ALE Inactive Delay
-
19
-
19
ns
19
DT/R Read Active Delay
-
23
-
23
ns
CL = 150pF
20
DEN Read Active Delay
0
21
0
21
ns
IOL = 16mA Max
21
DEN Read Inactive Delay
3
23
3
21
ns
IOH = -1mA Max
22
DT/R Read Inactive Delay
5
24
5
18
ns
23
DEN Write Active Delay
-
23
-
23
ns
24
DEN Write Inactive Delay
3
23
3
23
ns
29
Command Active Delay from CLK
3
21
3
21
ns
CL = 300pF
30
Command Inactive Delay from CLK
3
20
3
20
ns
IOL = 32mA Max


Similar Part No. - IS80C286-16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS80C286-16 INTERSIL-IS80C286-16 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
IS80C286-16 INTERSIL-IS80C286-16 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - IS80C286-16

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com