Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS82C84A Datasheet(PDF) 5 Page - Intersil Corporation

Part # CS82C84A
Description  CMOS Clock Generator Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C84A Datasheet(HTML) 5 Page - Intersil Corporation

  CS82C84A Datasheet HTML 1Page - Intersil Corporation CS82C84A Datasheet HTML 2Page - Intersil Corporation CS82C84A Datasheet HTML 3Page - Intersil Corporation CS82C84A Datasheet HTML 4Page - Intersil Corporation CS82C84A Datasheet HTML 5Page - Intersil Corporation CS82C84A Datasheet HTML 6Page - Intersil Corporation CS82C84A Datasheet HTML 7Page - Intersil Corporation CS82C84A Datasheet HTML 8Page - Intersil Corporation CS82C84A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-291
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C84A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
I82C84A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
M82C84A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance . . . . . . . . . . . . . . . .
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
80
20
CLCC Package . . . . . . . . . . . . . . . . . .
95
28
PDIP Package . . . . . . . . . . . . . . . . . . .
85
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
85
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65oC to +150oC
Max Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
(PLCC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = +5.0V ±10%,
TA = 0
oC to +70oC (C82C84A),
TA = -40
oC to +85oC (I82C84A),
TA = -55
oC to +125oC (M82C84A)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
2.2
-V
V
C82C84A, I82C84
M82C84A, Notes 1, 2
VIL
Logical Zero Input Voltage
-
0.8
V
Notes 1, 2, 3
VIHR
Reset Input High Voltage
VCC -0.8
-
V
VILR
Reset Input Low Voltage
-
0.5
V
VT+ - VT-
Reset Input Hysteresis
0.2 VCC
--
VOH
Logical One Output Current
VCC -0.4
-
V
IOH = -4.0mA for CLK Output
IOH = -2.5mA for All Others
VOL
Logical Zero Output Voltage
-
0.4
V
IOL = +4.0mA for CLK Output
IOL = +2.5mA for All Others
II
Input Leakage Current
-1.0
1.0
µAVIN = VCC or GND except ASYNC,
X1: (Note 4)
ICCOP
Operating Power Supply Current
-
40
mA
Crystal Frequency = 25MHz
Outputs Open, Note 5
NOTES:
1. F/C is a strap option and should be held either
≤ 0.8V or ≥ 2.2V. Does not apply to X1 or X2 pins.
2. Due to test equipment limitations related to noise, the actual tested value may differ from that specified, but the specified limit is
guaranteed.
3. CSYNC pin is tested with VIL ≤ 0.8V.
4. ASYNC pin includes an internal 17.5k
Ω nominal pull-up resistor. For ASYNC input at GND, ASYNC input leakage current = 300µA
nominal, X1 - crystal feedback input.
5. f = 25MHz may be tested using the extrapolated value based on measurements taken at f = 2MHz and f = 10MHz.
Capacitance TA = +25oC
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
10
pF
FREQ = 1MHz, all measurements are
referenced to device GND
COUT
Output Capacitance
15
pF
82C84A


Similar Part No. - CS82C84A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C84A INTERSIL-CS82C84A Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
logo
Renesas Technology Corp
CS82C84A RENESAS-CS82C84A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Intersil Corporation
CS82C84AZ INTERSIL-CS82C84AZ Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
logo
Renesas Technology Corp
CS82C84AZ RENESAS-CS82C84AZ Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Intersil Corporation
CS82C84AZ96 INTERSIL-CS82C84AZ96 Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
More results

Similar Description - CS82C84A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
   CMOS CLOCK GENERATOR & DRIVER
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
logo
Panasonic Semiconductor
MN3101 PANASONIC-MN3101 Datasheet
158Kb / 4P
   CLOCK GENERATOR/DRIVER CMOS LSI FOR BBD
logo
NTE Electronics
NTE1639 NTE-NTE1639 Datasheet
32Kb / 4P
   Integrated Circuit CMOS Clock Generator/Driver for BBDs
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
   CLOCK GENERATOR AND DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com