Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT166H244ETPFB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT166H244ETPFB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT166H244ETPFB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT166H244ETPFB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT166H244ETPFB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT166H244ETPFB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT166H244ETPFB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT166H244ETPFB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT166H244ETPFB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT166H244ETPFB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT166H244ETPFB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT166H244ETPFB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5.2
5
IDT54/74FCT16244T/AT/CT/ET, 162244T/AT/CT/ET,
166244T/AT/CT, 162H244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OUTPUT DRIVE CHARACTERISTICS FOR FCT16244T
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IO
Output Drive Current
VCC = Max., VO = 2.5V(3)
–50
—–
180
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –3mA
2.5
3.5
V
VIN = VIH or VIL
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.4
3.5
V
IOH = –24mA MIL.
IOH = –32mA COM'L.(4)
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 48mA MIL.
IOL = 64mA COM'L.
0.2
0.55
V
IOFF
Input/Output Power Off Leakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
OUTPUT DRIVE CHARACTERISTICS FOR FCT162244T
2544 lnk 07
2544 lnk 08
OUPUT DRIVE CHARACTERISTICS FOR FCT166244T
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
16
48
96
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
–16
–48
–96
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –6mA MIL.
IOH = –8mA COM'L.
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 6mA MIL.
IOL = 8mA COM'L.
0.3
0.55
V
2544 lnk 09
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25
°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. Duration of the condition can not exceed one second.
5. The test limit for this parameter is
± 5µA at TA = –55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
60
115
200
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
–60
–115
–200
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –16mA MIL.
IOH = –24mA COM'L.
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 16mA MIL.
IOL = 24mA COM'L.
0.3
0.55
V


Similar Part No. - IDT74FCT166H244ETPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT166H245ATE IDT-IDT74FCT166H245ATE Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT166H245ATEB IDT-IDT74FCT166H245ATEB Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT166H245ATPA IDT-IDT74FCT166H245ATPA Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT166H245ATPAB IDT-IDT74FCT166H245ATPAB Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT166H245ATPF IDT-IDT74FCT166H245ATPF Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT74FCT166H244ETPFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com