Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB80C196KC Datasheet(PDF) 3 Page - Intel Corporation

Part # SB80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SB80C196KC Datasheet(HTML) 3 Page - Intel Corporation

  SB80C196KC Datasheet HTML 1Page - Intel Corporation SB80C196KC Datasheet HTML 2Page - Intel Corporation SB80C196KC Datasheet HTML 3Page - Intel Corporation SB80C196KC Datasheet HTML 4Page - Intel Corporation SB80C196KC Datasheet HTML 5Page - Intel Corporation SB80C196KC Datasheet HTML 6Page - Intel Corporation SB80C196KC Datasheet HTML 7Page - Intel Corporation SB80C196KC Datasheet HTML 8Page - Intel Corporation SB80C196KC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
8XC196KC8XC196KC20
PROCESS INFORMATION
This device is manufactured on PX295 or PX299 a
CHMOS III process Additional process and reliabili-
ty information is available in Intel’s
Components
Quality and Reliability Handbook
Order Number
210997
270942 – 43
EXAMPLE
N87C196KC is 68-Lead PLCC OTPROM
16 MHz
For complete package dimensional data refer to the
Intel Packaging Handbook (Order Number 240800)
NOTE
1 EPROMs are available as One Time Programmable
(OTPROM) only
Figure 3 The 8XC196KC Family Nomenclature
Table 1 Thermal Characteristics
Package
ija
ijc
Type
PLCC
35 CW
13 CW
QFP
55 CW
16 CW
SQFP
TBD
TBD
All thermal impedance data is approximate for static air
conditions at 1W of power dissipation Values will change
depending on operation conditions and application See
the Intel
Packaging Handbook (order number 240800) for a
description of Intel’s thermal impedance test methodology
Table 2 8XC196KC Memory Map
Description
Address
External Memory or IO
0FFFFH
06000H
Internal ROMOTPROM or External
5FFFH
Memory (Determined by EA)
2080H
Reserved Must contain FFH
207FH
(Note 5)
205EH
PTS Vectors
205DH
2040H
Upper Interrupt Vectors
203FH
2030H
ROMOTPROM Security Key
202FH
2020H
Reserved Must contain FFH
201FH
(Note 5)
201AH
Reserved Must Contain 20H
2019H
(Note 5)
CCB
2018H
Reserved Must contain FFH
2017H
(Note 5)
2014H
Lower Interrupt Vectors
2013H
2000H
Port 3 and Port 4
1FFFH
1FFEH
External Memory
1FFDH
0200H
488 Bytes Register RAM (Note 1)
01FFH
0018H
CPU SFR’s (Notes 1 3 4)
0017H
0000H
NOTES
1 Code executed in locations 0000H to 01FFH will be
forced external
2 Reserved memory locations must contain 0FFH unless
noted
3 Reserved SFR bit locations must contain 0
4 Refer to 8XC196KC User’s manual for SFR descriptions
5 WARNING Reserved memory locations must not be
written or read The contents andor function of these lo-
cations may change with future revisions of the device
Therefore a program that relies on one or more of these
locations may not function properly
3


Similar Part No. - SB80C196KC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
SB80C186 AMD-SB80C186 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
SB80C186-12 AMD-SB80C186-12 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
SB80C186-16 AMD-SB80C186-16 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
SB80C186-20 AMD-SB80C186-20 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
SB80C186-25 AMD-SB80C186-25 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
More results

Similar Description - SB80C196KC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC198 INTEL-8XC198 Datasheet
275Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KC20 INTEL-EN87C196KC20 Datasheet
749Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
   Commercial/Express CHMOS Microcontroller
logo
Intel Corporation
8XC196KB16 INTEL-8XC196KB16 Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196JQ INTEL-80C196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C198 INTEL-87C198 Datasheet
833Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com