Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S87L42 Datasheet(PDF) 9 Page - Intel Corporation

Part # S87L42
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S87L42 Datasheet(HTML) 9 Page - Intel Corporation

Back Button S87L42 Datasheet HTML 5Page - Intel Corporation S87L42 Datasheet HTML 6Page - Intel Corporation S87L42 Datasheet HTML 7Page - Intel Corporation S87L42 Datasheet HTML 8Page - Intel Corporation S87L42 Datasheet HTML 9Page - Intel Corporation S87L42 Datasheet HTML 10Page - Intel Corporation S87L42 Datasheet HTML 11Page - Intel Corporation S87L42 Datasheet HTML 12Page - Intel Corporation S87L42 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
UPI-C42UPI-L42
This circuitry gives the host direct control of port 2
bit 1 (P21) without intervention by the internal CPU
When this opcode is executed P21 becomes a ded-
icated output pin The status of this pin is read-able
but can only be altered through a valid ‘‘D1’’ com-
mand sequence (see Table 1)
SUSPEND
Invoke Suspend Power Down Mode
OPCODE
1000 0010 (82h) or 1110 0010
(E2h)
Enables device to enter micro power mode In this
mode the external oscillator is off CPU operation is
stopped and the Port pins are tristated This mode
can only be exited via a RESET signal
PROGRAMMING AND VERIFYING THE
UPI-C42
The UPI-C42 programming will differ from the NMOS
device in three ways First the C42 will have a 4K
user programmable array The UPI-C42 will also be
programmed using the Intel Quick-Pulse Program-
ming Algorithm Finally port 2 bit three (P23) will be
used during program as the extra address pin re-
quired to program the upper 2K bank of additional
memory None of these differences have any effect
on the full CHMOS to NMOS device compatibility
The extra memory is fully transparent to the user
who does not need or want to use the extra memo-
ry space of the UPI-C42
In brief the programming process consists of acti-
vating the program mode applying an address
latching the address applying data and applying a
programming pulse Each word is programmed com-
pletely before moving on to the next and is followed
by a verification step The following is a list of the
pins used for programming and a description of their
functions
Pin
Function
XTAL 2
Clock Input
Reset
Initialization and Address Latching
Test 0
Selection of Program or Verify Mode
EA
Activation of ProgramVerify Signature
RowSecurity Bit Modes
BUS
Address and Data Input
Data Output During Verify
P20–23
Address Input
VDD
Programming Power Supply
PROG
Program Pulse Input
WARNING
An attempt to program a missocketed UPI-C42 will result in
severe damage to the part An indication of a properly
socketed part is the appearance of the SYNC clock output
The lack of this clock may be used to disable the program-
mer
The ProgramVerify sequence is
1 Insert 87C42 in programming socket
2 CS e 5V VCC e 5V VDD e 5V RESET e 0V
A0 e 0V TEST 0 e 5V clock applied or inter-
nal oscillator operating BUS floating PROG e
5V
3 TEST 0 e 0V (select program mode)
4 EA e 1275V (active program mode)
5 VCC e 625V (programming supply)
6 VDD e 1275V (programming power)
7 Address applied to BUS and P20–23
8 RESET e 5V (latch address)
9 Data applied to BUS
10 PROG e 5V followed by one 100 ms pulse to
0V
11 TEST 0 e 5V (verify mode)
12 Read and verify data on BUS
13 TEST 0 e 0V
14 RESET e 0V and repeat from step 6
15 Programmer should be at conditions of step 1
when the 87C42 is removed from socket
Please follow the Quick-Pulse Programming flow
chart for proper programming procedure shown in
Figure 6
9


Similar Part No. - S87L42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S87L51FA-4A44 PHILIPS-S87L51FA-4A44 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
S87L51FA-4B44 PHILIPS-S87L51FA-4B44 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
S87L51FA-4F40 PHILIPS-S87L51FA-4F40 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
S87L51FA-4K44 PHILIPS-S87L51FA-4K44 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
S87L51FA-4N40 PHILIPS-S87L51FA-4N40 Datasheet
187Kb / 16P
   CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
More results

Similar Description - S87L42

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
   UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
82C55A INTEL-82C55A Datasheet
325Kb / 23P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Digital Core Design
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
   Serial Peripheral Interface - Slave
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com