Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA602T Datasheet(PDF) 4 Page - NEC

Part # UPA602T
Description  N-CHANNEL MOS FET 6-PIN 2 CIRCUITS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA602T Datasheet(HTML) 4 Page - NEC

  UPA602T Datasheet HTML 1Page - NEC UPA602T Datasheet HTML 2Page - NEC UPA602T Datasheet HTML 3Page - NEC UPA602T Datasheet HTML 4Page - NEC UPA602T Datasheet HTML 5Page - NEC UPA602T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
µPA602T
4
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. GATE TO SOURCE VOLTAGE
1
100
VGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
10
1 000
ID - Drain Current - mA
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. CHANNEL TEMPERATURE
–30
30
20
10
0
Tch - Channel Temperature - ˚C
CAPACITANCE vs.
DARIN TO SOURCE VOLTAGE
0.1
100
10
1
0.1
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
10
100
ID - Drain Current - mA
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0.4
100
10
1
0.1
VSD - Source to Drain Voltage - V
ID = 10 mA
Pulsed
measurement
50
10
5
1
5
10
50
100
500
100
50
10
50
100
500
1 000
TA = 75 ˚C
25 ˚C
–25 ˚C
VGS = 10 V
Pulsed
measurement
0
30
60
90
120
150
VGS = 10 V
Pulsed
measurement
1
10
100
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
50
20
10
20
50
100
VDD = 5 V
VGS = 5 V
RG = 10
td(off)
tf
tr
td(on)
0.5
0.6
0.7
0.8
0.9
1


Similar Part No. - UPA602T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA602T RENESAS-UPA602T Datasheet
178Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - UPA602T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA606T NEC-UPA606T Datasheet
62Kb / 6P
   N-CHANNEL MOS FET 6-PIN 2 CIRCUITS FOR SWITCHING
UPA603T NEC-UPA603T Datasheet
63Kb / 6P
   P-CHANNEL MOS FET 6-PIN 2 CIRCUITS
UPA502T NEC-UPA502T Datasheet
62Kb / 6P
   N-CHANNEL MOS FET 5-PIN 2 CIRCUITS
UPA607T NEC-UPA607T Datasheet
63Kb / 6P
   P-CHANNEL MOS FET 6-PIN 2 CIRCUITS FOR SWITCHING
UPA505T NEC-UPA505T Datasheet
88Kb / 9P
   N-CHANNEL/P-CHANNEL MOS FET 5-PIN 2 CIRCUITS
UPA572T NEC-UPA572T Datasheet
64Kb / 6P
   N-CHANNEL MOS FET 5-PIN 2 CIRCUITS FOR SWITCHING
UPA573T NEC-UPA573T Datasheet
63Kb / 6P
   P-CHANNEL MOS FET 5-PIN 2 CIRCUITS FOR SWITCHING
logo
Panasonic Semiconductor
3SK143 PANASONIC-3SK143 Datasheet
192Kb / 3P
   Silicon N-Channel 4-pin MOS FET
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com